Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72324BJ Datasheet(PDF) 86 Page - STMicroelectronics

Part # ST72324BJ
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BJ Datasheet(HTML) 86 Page - STMicroelectronics

Back Button ST72324BJ Datasheet HTML 82Page - STMicroelectronics ST72324BJ Datasheet HTML 83Page - STMicroelectronics ST72324BJ Datasheet HTML 84Page - STMicroelectronics ST72324BJ Datasheet HTML 85Page - STMicroelectronics ST72324BJ Datasheet HTML 86Page - STMicroelectronics ST72324BJ Datasheet HTML 87Page - STMicroelectronics ST72324BJ Datasheet HTML 88Page - STMicroelectronics ST72324BJ Datasheet HTML 89Page - STMicroelectronics ST72324BJ Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 188 page
background image
On-chip peripherals
ST72324B
86/188
Control/Status Register (CSR)
M
5OPM
One Pulse Mode
0: One Pulse mode is not active.
1: One Pulse mode is active, the ICAP1 pin can be used to trigger one pulse on the
OCMP1 pin; the active transition is given by the IEDG1 bit. The length of the
generated pulse depends on the contents of the OC1R register.
4PWM
Pulse Width Modulation
0: PWM mode is not active.
1: PWM mode is active, the OCMP1 pin outputs a programmable cyclic signal; the
length of the pulse depends on the value of OC1R register; the period depends on
the value of OC2R register.
3:2
CC[1:0]
Clock Control
The timer clock mode depends on these bits.
00: Timer clock = fCPU/4
01: Timer clock = fCPU/2
10: Timer clock = fCPU/8
11: Timer clock = external clock (where available)
Note: If the external clock pin is not available, programming the external clock
configuration stops the counter.
1IEDG2
Input Edge 2
This bit determines which type of level transition on the ICAP2 pin will trigger the
capture.
0: A falling edge triggers the capture.
1: A rising edge triggers the capture.
0
EXEDG
External Clock Edge
This bit determines which type of level transition on the external clock pin EXTCLK
will trigger the counter register.
0: A falling edge triggers the counter register.
1: A rising edge triggers the counter register.
CSR
Reset value: xxxx x0xx (xxh)
7
654
32
10
ICF1
OCF1
TOF
ICF2
OCF2
TIMD
Reserved
RO
RO
RO
RO
RO
R/W
-
Table 50.
CSR register description
Bit
Name
Function
7ICF1
Input Capture Flag 1
0: No Input Capture (reset value).
1: An Input Capture has occurred on the ICAP1 pin or the counter has reached the
OC2R value in PWM mode. To clear this bit, first read the SR register, then read or
write the low byte of the IC1R (IC1LR) register.
Table 49.
CR2 register description (continued)
Bit
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com