Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72324BJ Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST72324BJ
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BJ Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST72324BJ Datasheet HTML 7Page - STMicroelectronics ST72324BJ Datasheet HTML 8Page - STMicroelectronics ST72324BJ Datasheet HTML 9Page - STMicroelectronics ST72324BJ Datasheet HTML 10Page - STMicroelectronics ST72324BJ Datasheet HTML 11Page - STMicroelectronics ST72324BJ Datasheet HTML 12Page - STMicroelectronics ST72324BJ Datasheet HTML 13Page - STMicroelectronics ST72324BJ Datasheet HTML 14Page - STMicroelectronics ST72324BJ Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 188 page
background image
ST72324B
Pin description
11/188
Figure 4.
32-pin LQFP package pinout
Figure 5.
32-pin SDIP package pinout
See Section 12: Electrical characteristics on page 136 for external pin connection
guidelines.
Refer to Section 9: I/O ports on page 53 for more details on the software configuration of the
I/O ports.
The reset configuration of each pin is shown in bold. This configuration is valid as long as
the device is in reset state.
32 31 30 29 28 27 26 25
24
23
22
21
20
19
18
17
9 10 11 121314 15 16
1
2
3
4
5
6
7
8
ei1
ei3
ei0
OCMP1_A/AIN10/PF4
ICAP1_A/(HS) PF6
EXTCLK_A/(HS) PF7
AIN12/OCMP2_B/PC0
VAREF
VSSA
MCO/AIN8/PF0
BEEP/(HS) PF1
VPP/ICCSEL
PA7 (HS)
PA6 (HS)
PA4 (HS)
OSC1
OSC2
VSS_2
RESET
ei2
eix
associated external interrupt vector
(HS) 20mA high sink capability
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
29
30
31
32
(HS) PB4
AIN0 / PD0
AIN14 / MOSI / PC5
ICCDATA/ MISO / PC4
ICAP1_B / (HS) PC3
ICAP2_B / (HS) PC2
AIN13 / OCMP1_B / PC1
AIN12 / OCMP2_B / PC0
EXTCLK_A / (HS) PF7
BEEP / (HS) PF1
MCO / AIN8 / PF0
VSSA
VAREF
AIN1 / PD1
ICAP1_A / (HS) PF6
OCMP1_A / AIN10 / PF4
PB3
PB0
PC6 / SCK / ICCCLK
PC7 / SS / AIN15
PA3 (HS)
PA4 (HS)
PA6 (HS)
PA7 (HS)
VPP / ICCSEL
OSC2
OSC1
VDD_2
PE0 / TDO
PE1 / RDI
VSS_2
RESET
ei0
ei3
ei2
ei1
eix
associated external interrupt vector
(HS) 20mA high sink capability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com