Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72324BJ Datasheet(PDF) 85 Page - STMicroelectronics

Part # ST72324BJ
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BJ Datasheet(HTML) 85 Page - STMicroelectronics

Back Button ST72324BJ Datasheet HTML 81Page - STMicroelectronics ST72324BJ Datasheet HTML 82Page - STMicroelectronics ST72324BJ Datasheet HTML 83Page - STMicroelectronics ST72324BJ Datasheet HTML 84Page - STMicroelectronics ST72324BJ Datasheet HTML 85Page - STMicroelectronics ST72324BJ Datasheet HTML 86Page - STMicroelectronics ST72324BJ Datasheet HTML 87Page - STMicroelectronics ST72324BJ Datasheet HTML 88Page - STMicroelectronics ST72324BJ Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 188 page
background image
ST72324B
On-chip peripherals
85/188
Control Register 2 (CR2)
M
4FOLV2
Forced Output compare 2
This bit is set and cleared by software.
0: No effect on the OCMP2 pin.
1: Forces the OLVL2 bit to be copied to the OCMP2 pin, if the OC2E bit is set and
even if there is no successful comparison.
3FOLV1
Forced Output compare 1
This bit is set and cleared by software.
0: No effect on the OCMP1 pin.
1: Forces OLVL1 to be copied to the OCMP1 pin, if the OC1E bit is set and even if
there is no successful comparison.
2OLVL2
Output Level 2
This bit is copied to the OCMP2 pin whenever a successful comparison occurs with
the OC2R register and OCxE is set in the CR2 register. This value is copied to the
OCMP1 pin in One Pulse mode and Pulse Width modulation mode.
1IEDG1
Input Edge 1
This bit determines which type of level transition on the ICAP1 pin will trigger the
capture.
0: A falling edge triggers the capture.
1: A rising edge triggers the capture.
0OLVL1
Output Level 1
The OLVL1 bit is copied to the OCMP1 pin whenever a successful comparison
occurs with the OC1R register and the OC1E bit is set in the CR2 register.
CR2
Reset value: 0000 0000 (00h)
7
654
32
10
OC1E
OC2E
OPM
PWM
CC[1:0]
IEDG2
EXEDG
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 49.
CR2 register description
Bit
Name
Function
7OCIE
Output Compare 1 Pin Enable
This bit is used only to output the signal from the timer on the OCMP1 pin (OLV1 in
Output Compare mode, both OLV1 and OLV2 in PWM and One-Pulse mode).
Whatever the value of the OC1E bit, the Output Compare 1 function of the timer
remains active.
0: OCMP1 pin alternate function disabled (I/O pin free for general-purpose I/O).
1: OCMP1 pin alternate function enabled.
6OC2E
Output Compare 2 Pin Enable
This bit is used only to output the signal from the timer on the OCMP2 pin (OLV2 in
Output Compare mode). Whatever the value of the OC2E bit, the Output Compare 2
function of the timer remains active.
0: OCMP2 pin alternate function disabled (I/O pin free for general-purpose I/O).
1: OCMP2 pin alternate function enabled.
Table 48.
CR1 register description (continued)
Bit
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com