Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72324BJ Datasheet(PDF) 75 Page - STMicroelectronics

Part # ST72324BJ
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BJ Datasheet(HTML) 75 Page - STMicroelectronics

Back Button ST72324BJ Datasheet HTML 71Page - STMicroelectronics ST72324BJ Datasheet HTML 72Page - STMicroelectronics ST72324BJ Datasheet HTML 73Page - STMicroelectronics ST72324BJ Datasheet HTML 74Page - STMicroelectronics ST72324BJ Datasheet HTML 75Page - STMicroelectronics ST72324BJ Datasheet HTML 76Page - STMicroelectronics ST72324BJ Datasheet HTML 77Page - STMicroelectronics ST72324BJ Datasheet HTML 78Page - STMicroelectronics ST72324BJ Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 188 page
background image
ST72324B
On-chip peripherals
75/188
Note:
1
After reading the ICiHR register, transfer of input capture data is inhibited and ICFi will never
be set until the ICiLR register is also read.
2
The ICiR register contains the free running counter value which corresponds to the most
recent input capture.
3
The two input capture functions can be used together even if the timer also uses the two
output compare functions.
4
In One pulse mode and PWM mode only Input Capture 2 can be used.
5
The alternate inputs (ICAP1 and ICAP2) are always directly connected to the timer. So any
transitions on these pins activates the input capture function.
Moreover if one of the ICAPi pins is configured as an input and the second one as an output,
an interrupt can be generated if the user toggles the output pin and if the ICIE bit is set.
This can be avoided if the input capture function i is disabled by reading the ICiHR (see
note 1).
6
The TOF bit can be used with interrupt generation in order to measure events that go
beyond the timer range (FFFFh).
Figure 41.
Input capture block diagram
Figure 42.
Input capture timing diagram
ICIE
CC0
CC1
16-bit free running counter
IEDG1
(Control register 1) CR1
(Control register 2) CR2
ICF2
ICF1
0
0
0
(Status register) SR
IEDG2
ICAP1
ICAP2
Edge Detect
circuit 2
16-bit
IC1R register
Edge Detect
circuit 1
pin
pin
IC2R register
FF01
FF02
FF03
FF03
Timer clock
Counter register
ICAPi pin
ICAPi flag
ICAPi register
Note: The rising edge is the active edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com