Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72324BJ Datasheet(PDF) 47 Page - STMicroelectronics

Part # ST72324BJ
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BJ Datasheet(HTML) 47 Page - STMicroelectronics

Back Button ST72324BJ Datasheet HTML 43Page - STMicroelectronics ST72324BJ Datasheet HTML 44Page - STMicroelectronics ST72324BJ Datasheet HTML 45Page - STMicroelectronics ST72324BJ Datasheet HTML 46Page - STMicroelectronics ST72324BJ Datasheet HTML 47Page - STMicroelectronics ST72324BJ Datasheet HTML 48Page - STMicroelectronics ST72324BJ Datasheet HTML 49Page - STMicroelectronics ST72324BJ Datasheet HTML 50Page - STMicroelectronics ST72324BJ Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 188 page
background image
ST72324B
Power saving modes
47/188
8
Power saving modes
8.1
Introduction
To give a large measure of flexibility to the application in terms of power consumption, four
main power saving modes are implemented in the ST7 (see Figure 23): Slow, Wait (Slow
Wait), Active Halt and Halt.
After a reset the normal operating mode is selected by default (Run mode). This mode
drives the device (CPU and embedded peripherals) by means of a master clock which is
based on the main oscillator frequency divided or multiplied by 2 (fOSC2).
From Run mode, the different power saving modes may be selected by setting the relevant
register bits or by calling the specific ST7 software instruction whose action depends on the
oscillator status.
Figure 23.
Power saving mode transitions
8.2
Slow mode
This mode has two targets:
●
To reduce power consumption by decreasing the internal clock in the device,
●
To adapt the internal clock frequency (fCPU) to the available supply voltage.
Slow mode is controlled by three bits in the MCCSR register: the SMS bit which enables or
disables Slow mode and two CPx bits which select the internal slow frequency (fCPU).
In this mode, the master clock frequency (fOSC2) can be divided by 2, 4, 8 or 16. The CPU
and peripherals are clocked at this lower frequency (fCPU).
Note:
Slow-Wait mode is activated when entering the Wait mode while the device is already in
Slow mode.
Power consumption
Wait
Slow
Run
Active Halt
High
Low
Slow Wait
Halt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com