Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VN9D7D20F Datasheet(PDF) 64 Page - STMicroelectronics

Part # VN9D7D20F
Description  4-channel high-side driver with 24-bit SPI interface for automotive applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN9D7D20F Datasheet(HTML) 64 Page - STMicroelectronics

Back Button VN9D7D20F Datasheet HTML 60Page - STMicroelectronics VN9D7D20F Datasheet HTML 61Page - STMicroelectronics VN9D7D20F Datasheet HTML 62Page - STMicroelectronics VN9D7D20F Datasheet HTML 63Page - STMicroelectronics VN9D7D20F Datasheet HTML 64Page - STMicroelectronics VN9D7D20F Datasheet HTML 65Page - STMicroelectronics VN9D7D20F Datasheet HTML 66Page - STMicroelectronics VN9D7D20F Datasheet HTML 67Page - STMicroelectronics VN9D7D20F Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 92 page
background image
Table 51. Protection
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
∆TPLIM (1)
Junction-case temperature
difference triggering power
limitation protection
VCC = 16 V
80
°C
VCC = 19 V
55
∆TPLIMR
Junction-case temperature
difference resetting power
limitation protection
VCC = 16 V
58
°C
VCC = 19 V
33
TTSD
Shutdown temperature
VCC = 13 V
150
175
210
°C
Shutdown temperature (VCC
decreasing) (2)
VCC = 2.7 V
140
°C
TRS
Thermal reset of CHFBSR fault
detection (2)
VCC = 13 V, latched off
mode disabled
135
°C
THYST
Thermal hysteresis (TTSD - TR)
(2)
VCC = 13 V, latched off
mode disabled
10
°C
TCSD
Case thermal detection pre-
warning (2)
VCC = 13 V
(see Address 0x14h-
Control Register
(CTRL))
TCSD nom
-10
TCSD nom
TCSD nom
+10
°C
TCR
Case thermal detection reset (2) VCC = 13 V
TCSD nom
-10
°C
VDS_OVL
VDS overload detection
threshold
VCC - 2
VCC - 1.5
VCC - 1
V
tBlanking
Programmable blanking time
14.4
264
ms
tD_Restart Latch-OFF
delay time before
automatic restart
55
ms
tD_GSB_UPDATE
Status register
update filtering time
1.4
2.0
2.6
ms
tON_MIN
Minimum turn-on time per
channel to avoid false VDS
error flag
Bulb mode, ch0 and
ch1
200
µs
LED mode, ch0 and
ch1
200
µs
Bulb mode, ch2, ch3
200
µs
LED mode, ch2, ch3
100
µs
1. Zthj-case x P = ΔTPLIM, Zth-case is the thermal impedance, P is the Power.
2. Parameter guaranteed by design and characterization; not subject to production test.
Table 52. Open-load detection (7 V < VCC < 18 V)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VOL
Open-load OFF-state voltage detection
threshold
CHx off
VCC - 2
VCC - 1.5
VCC - 1
V
IPU
Pull-up current generator for open-load
at OFF-state detection
Pull-up current generator
active, Vout = VCC - 1.0 V
- 0.5
-1
-1.5
mA
tDOLOFF
Delay time after turn off to allow open-
load OFF-state detection
85
175
265
µs
VN9D7D20F
Electrical specifications
DS13153 - Rev 8
page 64/92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com