Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VN9D7D20F Datasheet(PDF) 2 Page - STMicroelectronics

Part # VN9D7D20F
Description  4-channel high-side driver with 24-bit SPI interface for automotive applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN9D7D20F Datasheet(HTML) 2 Page - STMicroelectronics

  VN9D7D20F Datasheet HTML 1Page - STMicroelectronics VN9D7D20F Datasheet HTML 2Page - STMicroelectronics VN9D7D20F Datasheet HTML 3Page - STMicroelectronics VN9D7D20F Datasheet HTML 4Page - STMicroelectronics VN9D7D20F Datasheet HTML 5Page - STMicroelectronics VN9D7D20F Datasheet HTML 6Page - STMicroelectronics VN9D7D20F Datasheet HTML 7Page - STMicroelectronics VN9D7D20F Datasheet HTML 8Page - STMicroelectronics VN9D7D20F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 92 page
background image
Description
The VN9D7D20F is a device made using STMicroelectronics VIPower technology. It is intended for driving
resistive or inductive loads directly connected to the ground. The device is protected against voltage transient on
VCC pin. Programming, control, and diagnostics are implemented via the SPI bus. A digital current sense
feedback for each channel is provided through an integrated 10-bit ADC with 0.1% of FSR. Dedicated trimming
bits allow to adjust the ADC reference current. The device is equipped with four outputs controllable via SPI or
with the 2-OTP assignable direct inputs. The device detects open-load in OFF-state conditions. Real-time
diagnostic is available through the SPI bus (open-load, output short to VCC, overtemperature, communication
error, power limitation or latch off). Output current limitation protects the device in an over load condition. The
device can limit the dissipated power to a safe level up to thermal shutdown intervention. Thermal shutdown can
be configured as latched off or programmable time-limited auto restart. The device enters a limp-home mode in
case of loss of digital supply (VDD), reset of digital memory or watchdog monitoring time-out event. In limp-home
mode each output is set according to the programmed register: to be always OFF, or according to the 2x direct
inputs pins.
VN9D7D20F
DS13153 - Rev 8
page 2/92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com