Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VN9D7D20F Datasheet(PDF) 8 Page - STMicroelectronics

Part # VN9D7D20F
Description  4-channel high-side driver with 24-bit SPI interface for automotive applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN9D7D20F Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VN9D7D20F Datasheet HTML 4Page - STMicroelectronics VN9D7D20F Datasheet HTML 5Page - STMicroelectronics VN9D7D20F Datasheet HTML 6Page - STMicroelectronics VN9D7D20F Datasheet HTML 7Page - STMicroelectronics VN9D7D20F Datasheet HTML 8Page - STMicroelectronics VN9D7D20F Datasheet HTML 9Page - STMicroelectronics VN9D7D20F Datasheet HTML 10Page - STMicroelectronics VN9D7D20F Datasheet HTML 11Page - STMicroelectronics VN9D7D20F Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 92 page
background image
2.2.1
Startup transition phase
This is not an operation mode but a transition step to reset operation mode from the power-ON. In this phase,
neither the digital supply voltage VDD nor VCC are available (VDD < VDD_POR_ON and VCC < VUSD).
This phase has not to be confused with undervoltage mode where also the power supply is not available (VCC <
VUSD) after an operation mode. The device leaves this phase to reset mode as soon as VCC > VUSD. In case (VCC
> VUSD and VDD > VDD_POR_ON) then the device leaves this phase to fail-safe mode.
2.2.2
Reset mode
The device is in limp-home state.
Reset mode is entered after startup but also each time the digital supply voltage VDD falls below VDD_POR_OFF
(VDD < VDD_POR_OFF and VCC > VUSD).
The outputs are controlled by the direct inputs DIx according to the internally programmed outputs assignment. At
least one DIx is in logic high.
The SPI is inactive (no read/write possible) and the diagnostics are not available. The registers have the reset
values.
The device leaves this mode only if VDD > VDD_POR_ON, or all DIx goes to low.
The reset bit inside the global status byte is unreadable since the SPI is inactive (for more information, refer to the
Section 4.3.1: Global status byte description).
The diagnostics is not available, but the protections are fully functional. In case of overtemperature or power
limitation, the outputs work in unlimited auto restart.
The device enters in reset mode under three conditions:
•
Automatically during startup
•
If it is in any other mode and if VDD falls below VDD_POR_OFF
•
If it is in sleep mode 1 and if one input DIx is set to 1
The device exits in reset mode under two conditions:
•
If VDD rises above VDD_POR_ON, the device enters fail-safe mode
•
If all inputs DIx are 0, the device enters sleep mode 1.
2.2.3
Fail-safe mode
The device is in limp-home state.
The digital supply voltage VDD is available. (VDD > VDD_POR_ON) and the SPI registers are active (SPI read/write).
In fail-safe mode, the digital current sense is available only in asynchronous mode and the digital fault diagnostic
is available through the SPI bus.
The outputs are controlled by the direct inputs DIx regardless of the SPI commands.
The registers are cleared to their reset value if fail-safe is entered through a SW reset.
The reset bit is 1 if the last state was reset mode or the last command was a SW reset and it is reset to 0 after the
first SPI access (for more information refer to Section 4.3.1: Global status byte description).
The protections are fully functional. In case of overtemperature or power limitation, the outputs work in unlimited
auto restart.
The device enters fail-safe mode under the following conditions:
•
If it is in reset mode or in sleep mode 1 and VDD rises above VDD_POR_ON (VDD > VDD_POR_ON)
•
If it is in standby mode or in sleep mode 2 and CSN is low for t > tstdby_out
•
If it is in normal mode and bit EN is cleared
•
If it is in normal mode and WDTB is not toggled within tWDTB (watchdog timeout)
•
If it is in normal mode and the SPI sends a SW reset
The device exits fail-safe mode under these conditions:
•
If the SPI sends the goto normal mode sequence, the device enters normal mode:
–
In a first communication set bit UNLOCK = 1
–
In the consecutive communication set bit GOSTBY = 0 and bit EN = 1
This mechanism avoids entering the normal mode unintentionally.
VN9D7D20F
Functional description
DS13153 - Rev 8
page 8/92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com