Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VN9D7D20F Datasheet(PDF) 33 Page - STMicroelectronics

Part # VN9D7D20F
Description  4-channel high-side driver with 24-bit SPI interface for automotive applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN9D7D20F Datasheet(HTML) 33 Page - STMicroelectronics

Back Button VN9D7D20F Datasheet HTML 29Page - STMicroelectronics VN9D7D20F Datasheet HTML 30Page - STMicroelectronics VN9D7D20F Datasheet HTML 31Page - STMicroelectronics VN9D7D20F Datasheet HTML 32Page - STMicroelectronics VN9D7D20F Datasheet HTML 33Page - STMicroelectronics VN9D7D20F Datasheet HTML 34Page - STMicroelectronics VN9D7D20F Datasheet HTML 35Page - STMicroelectronics VN9D7D20F Datasheet HTML 36Page - STMicroelectronics VN9D7D20F Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 92 page
background image
OUTCFGRx
Outputs configuration register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
R
Address:
0x08h to 0x0Bh
Type:
RW
Reset:
0
Description:
The “Output Configuration Register” allows to set the following important parameters for each
channel:
•
Switching related parameters
–
switching slopes;
–
phase of each channel;
–
PWM ratio;
•
Channel configuration
–
BULB/LED mode;
–
Control through SPI / DIx pins;
–
Masking the VDS control at turn-off;
•
Diagnostic configuration
–
Set the current sampling point for the digital conversion;
[15:14]
SLOPECR[1:0]: Switching slope control bit 1 (MSB) and 0 (LSB)
[13]
RESERVED
[12:8]
CHPHA[4:0]:
Set the Channel phase value[4:0]
00000: Resulting phase = 0/32
00001: Resulting phase = 1/32
....
11110: Resulting phase = 30/32
11111: Resulting phase = 31/32
[7:6]
SPCR[1:0]:
Current sampling Point[1:0]
SPCR1:0 SPCR0:0 stop mode: authorizes digital conversion to be launched just before the end of on phase of the selected
channel.
SPCR1:0 SPCR0:1 START mode: authorizes digital conversion to be launched at each beginning of on phase of the selected
channel.
SPCR1:1 SPCR0:0 CONTINUOUS mode: authorizes digital conversion during all on phase of the selected channel.
SPCR1:1 SPCR0:1 FILTERED mode: authorizes digital conversion like CONTINUOUS mode with the use of low pass filter to
filter data coming from the conversion. It is useful at low level output current.
[5:4]
PWMFCY[1:0]:
PWM frequency selection[1:0]
Each output has a specific ratio for its PWM functionality. This mode is defined through two dedicated bits PWMFCY1 and
PWMFCY0 of OUTCFGRx registers.
PWMFCY1:0 PWMFCY0:0 = PWM freq ratio:1024
VN9D7D20F
SPI functional description
DS13153 - Rev 8
page 33/92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com