Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VN9D7D20F Datasheet(PDF) 40 Page - STMicroelectronics

Part # VN9D7D20F
Description  4-channel high-side driver with 24-bit SPI interface for automotive applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN9D7D20F Datasheet(HTML) 40 Page - STMicroelectronics

Back Button VN9D7D20F Datasheet HTML 36Page - STMicroelectronics VN9D7D20F Datasheet HTML 37Page - STMicroelectronics VN9D7D20F Datasheet HTML 38Page - STMicroelectronics VN9D7D20F Datasheet HTML 39Page - STMicroelectronics VN9D7D20F Datasheet HTML 40Page - STMicroelectronics VN9D7D20F Datasheet HTML 41Page - STMicroelectronics VN9D7D20F Datasheet HTML 42Page - STMicroelectronics VN9D7D20F Datasheet HTML 43Page - STMicroelectronics VN9D7D20F Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 92 page
background image
OUTSRx
Output Status Channels 0 to 3 register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
R
R
R
RC
RC
RC
R
R
RC
RC
RC
R
R
R
R
R
Address:
0x20h to 0x23h
Type:
RC
Reset:
0
Description:
The output status register reports the status of the selected channel based on the configuration
register and in case of fault condition.
[15]
DIENSR: Direct input status, image of associated DI logic level according to OTP allocation.
[14]
DIOTP1: Associated DIx input description bit 1
[13]
DIOTP0: Associated DIx input description bit 0
[12]
CHFBSRx: Channel feedback status.
Channel feedback status. Combination of Power limitation, OT, OVERLOAD detection (VDS at turn-off). The CHFBSRx
provides a logical "OR" combination of VDS (overload), PL (power limitation), OT (overtemperature) failure flags related to
OUTPUTx, and it’s cleared by a read and clear command.
[11]
VDSFSRx: VDS Feedback status.
This bit is ‘1’ if VDS is high at turn-off, indicative of a potential overload condition
[10]
STKFLTRx: Output stuck to VCC/open-load off state status.
[9]
OLPUSRx; Output pull-up generator status.
[8]
CHLOFFSRx: Channel Latch-off status. This bit is set when overload blanking time has elapsed and channel is latched off.
[7]
RST: Chip reset
[6]
SPIE: SPI error
[5]
PWMCLOCKLOW: PWM clock frequency too low.
[4]
VCCUV: VCC undervoltage
[3:1]
RESERVED
[0]
PARITY: parity bit
VN9D7D20F
SPI functional description
DS13153 - Rev 8
page 40/92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com