Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VN9D7D20F Datasheet(PDF) 1 Page - STMicroelectronics

Part # VN9D7D20F
Description  4-channel high-side driver with 24-bit SPI interface for automotive applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN9D7D20F Datasheet(HTML) 1 Page - STMicroelectronics

  VN9D7D20F Datasheet HTML 1Page - STMicroelectronics VN9D7D20F Datasheet HTML 2Page - STMicroelectronics VN9D7D20F Datasheet HTML 3Page - STMicroelectronics VN9D7D20F Datasheet HTML 4Page - STMicroelectronics VN9D7D20F Datasheet HTML 5Page - STMicroelectronics VN9D7D20F Datasheet HTML 6Page - STMicroelectronics VN9D7D20F Datasheet HTML 7Page - STMicroelectronics VN9D7D20F Datasheet HTML 8Page - STMicroelectronics VN9D7D20F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 92 page
background image
Features
Channel
VCC
RON typ.
ILIMH typ.
0.1
28 V
8.4 mΩ
75.4 A
2.3
21.6 mΩ
34.5 A
•
AEC-Q100 qualified
•
General
–
Extreme low voltage operation for deep cold cranking applications
(compliant with LV124, revision 2013)
–
24-bit ST-SPI for full diagnostic and digital current sense feedback
–
Integrated 10bit ADC for digital current sense
–
Integrated PWM engine with independent phase shift and frequency
generation (for each channel)
–
Programmable Bulb/LED mode for all channels
–
Advanced limp home functions for robust fail-safe system
–
Very low standby current
–
Optimized electromagnetic emissions
–
Very low electromagnetic susceptibility
–
Control through direct inputs and / or SPI
–
Compliant with European directive 2002/95/EC
•
Diagnostic functions
–
Digital proportional load current sense
–
Synchronous diagnostic of over load and short to GND, output shorted
to VCC and OFF-state open-load
–
Programmable case overtemperature warning
•
Protection
–
Two levels load current limitation
–
Self limiting of fast thermal transients
–
Undervoltage shutdown
–
Overvoltage clamp
–
Latch-off or programmable time limited auto restart (power limitation and
overtemperature shutdown)
–
Load dump protected
–
Protection against loss of ground
–
Reverse battery through self turn-on
QFN 6x6 mm
Product status link
VN9D7D20F
Product summary
Order code
VN9D7D20FTR
Package
QFN 6X6
Packing
Tape and reel
4-channel high-side driver with 24-bit SPI interface for automotive applications
VN9D7D20F
Datasheet
DS13153 - Rev 8 - August 2025
For further information, contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - VN9D7D20F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN9D30Q100F STMICROELECTRONICS-VN9D30Q100F Datasheet
3Mb / 100P
6-channel high-side driver with 24-bit SPI interface for automotive applications
21-May-2021
VN9D30Q100F STMICROELECTRONICS-VN9D30Q100F Datasheet
6Mb / 98P
6-channel high-side driver with 24-bit SPI interface for automotive applications
11-Apr-2025
VN9D30Q100FTR STMICROELECTRONICS-VN9D30Q100FTR Datasheet
3Mb / 100P
6-channel high-side driver with 24-bit SPI interface for automotive applications
21-May-2021
VN9D30Q100FTR STMICROELECTRONICS-VN9D30Q100FTR Datasheet
6Mb / 98P
6-channel high-side driver with 24-bit SPI interface for automotive applications
11-Apr-2025
VN9D30Q100F STMICROELECTRONICS-VN9D30Q100F_V01 Datasheet
6Mb / 98P
6-channel high-side driver with 24-bit SPI interface for automotive applications
11-Apr-2025
More results

Similar Description - VN9D7D20F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNQ5E160K-E STMICROELECTRONICS-VNQ5E160K-E Datasheet
798Kb / 34P
Quad channel high side driver for automotive applications
25-Feb-2008
VNQ5160K-E STMICROELECTRONICS-VNQ5160K-E Datasheet
474Kb / 30P
Quad channel high side driver for automotive applications
23-Jul-2009
VN5E160ASTR-E STMICROELECTRONICS-VN5E160ASTR-E Datasheet
798Kb / 37P
Single channel high side driver with analog for automotive applications
25-May-2011
VN5E160AS-E STMICROELECTRONICS-VN5E160AS-E Datasheet
584Kb / 37P
Single channel high side driver with analog for automotive applications
September 2013 Rev 4
VN5E160ASO-E STMICROELECTRONICS-VN5E160ASO-E Datasheet
739Kb / 37P
Single channel high-side driver with analog for automotive applications
September 2013 Rev. 5
VN5E160MS-E STMICROELECTRONICS-VN5E160MS-E Datasheet
524Kb / 34P
Single-channel high-side driver with analog for automotive applications
September 2013 Rev 4
VNQ7003SY STMICROELECTRONICS-VNQ7003SY Datasheet
2Mb / 102P
Quad-channel high-side driver with 16-bit SPI interface for automotive applications
19-Dec-2018
VN9D5D20F STMICROELECTRONICS-VN9D5D20F Datasheet
2Mb / 96P
4 channel high-side driver with 24-bit SPI interface for automotive applications
13-Apr-2023
VN9D5D20FN STMICROELECTRONICS-VN9D5D20FN Datasheet
2Mb / 96P
4 channel high-side driver with 24-bit SPI interface for automotive applications
13-Apr-2023
VN9D30Q100F STMICROELECTRONICS-VN9D30Q100F Datasheet
3Mb / 100P
6-channel high-side driver with 24-bit SPI interface for automotive applications
21-May-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com