Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VN9D7D20F Datasheet(PDF) 16 Page - STMicroelectronics

Part # VN9D7D20F
Description  4-channel high-side driver with 24-bit SPI interface for automotive applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN9D7D20F Datasheet(HTML) 16 Page - STMicroelectronics

Back Button VN9D7D20F Datasheet HTML 12Page - STMicroelectronics VN9D7D20F Datasheet HTML 13Page - STMicroelectronics VN9D7D20F Datasheet HTML 14Page - STMicroelectronics VN9D7D20F Datasheet HTML 15Page - STMicroelectronics VN9D7D20F Datasheet HTML 16Page - STMicroelectronics VN9D7D20F Datasheet HTML 17Page - STMicroelectronics VN9D7D20F Datasheet HTML 18Page - STMicroelectronics VN9D7D20F Datasheet HTML 19Page - STMicroelectronics VN9D7D20F Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 92 page
background image
4
SPI functional description
4.1
SPI communication
The SPI communication is based on a standard ST-SPI 24-bit interface, using CSN, SDI, SDO and SCK signal
lines.
Input data are shifted into SDI, MSB first while output data are shifted out on SDO, MSB first.
4.1.1
Signal description
During all operations, VDD must be held stable and within the specified valid range: VDD min. to VDD max.
Table 11. SPI signal description
Name
Function
Serial
clock SCK
This input signal provides the timing of the serial interface. Data present at serial data input (SDI) are latched on
the rising edge of serial clock (SCK). Data on serial data output (SDO) change after the falling edge of serial
clock (SCK).
Serial data
input SDI
This input signal is used to transfer data serially into the device. It receives data to be written. Values are
sampled on the rising edge of serial clock (SCK).
Serial data
output
SDO
This output signal is used to transfer data serially out of the device. Data are shifted out on the falling edge of
serial clock (SCK).
Chip select
CSN
When this input signal is high, the device is deselected and serial data output (SDO) is high impedance. Driving
this input low enables the communication. The communication must start on a low level of serial clock (SCK).
Data are accepted only if exactly 24 bits have been shifted in.
Note: as per the ST_SPI standard, in case of failing communication:
•
CSN stuck at high:
–
If the device is in normal mode, a WDTB timeout will force the device into fail-safe mode. The serial
data output (SDO) will stay in high impedance (High Z).
Any valid communication arrived after this event will be accepted by the device.
•
CSN stuck at low:
–
in this case and whatever the mode of the device, a CSN timeout protection will be activated and
force the device to release the SPI bus. Then the serial data output (SDO) will go into high
impedance (High Z)
A reset of the CSN timeout (see TSHCH in the Table 48) is activated with a transition low to high on CSN pin (or
with a Power-on Reset or Software reset). With this reset, the serial data output (SDO) will be released and any
valid communication will be accepted by the device. Without this reset, next communication will not be taken into
account by the device.
4.1.2
Connecting to the SPI bus
A schematic view of the architecture between the bus and devices can be seen in the Figure 7.
All input data bytes are shifted into the device, MSB first. The serial data input (SDI) is sampled on the first rising
edge of the serial clock (SCK) after chip select (CSN) goes low. All output data bytes are shifted out of the device
on the falling edge of SCK, MSB first on the first falling edge of the chip select (CSN).
VN9D7D20F
SPI functional description
DS13153 - Rev 8
page 16/92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com