Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VN9D7D20F Datasheet(PDF) 73 Page - STMicroelectronics

Part # VN9D7D20F
Description  4-channel high-side driver with 24-bit SPI interface for automotive applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN9D7D20F Datasheet(HTML) 73 Page - STMicroelectronics

Back Button VN9D7D20F Datasheet HTML 69Page - STMicroelectronics VN9D7D20F Datasheet HTML 70Page - STMicroelectronics VN9D7D20F Datasheet HTML 71Page - STMicroelectronics VN9D7D20F Datasheet HTML 72Page - STMicroelectronics VN9D7D20F Datasheet HTML 73Page - STMicroelectronics VN9D7D20F Datasheet HTML 74Page - STMicroelectronics VN9D7D20F Datasheet HTML 75Page - STMicroelectronics VN9D7D20F Datasheet HTML 76Page - STMicroelectronics VN9D7D20F Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 92 page
background image
9
Application schematics
Figure 33. M0-9SPI application Schematic
Logic
SPI
OTP
HSD
Digital
flags
Watch
Dog
Gate drv
&
MOSFET
SPI
uC
e.g. SPC582Bx
Output
Output
Output
Output
Vreg
+5V (+3.3V)
VDD
CSN
SCK
SDI
SDO
DI0
DI1
Vcc
D
M
A
Output
CTRL tasks
+
Analogue
Diagnostic
task
I/O
Emios
Functional
safety CTRL
GND
DGND
D2
D3
Battery
RVDD
D1
CVcc
PWM_CLK
PWM
ENGINE
+
Phase
Shift
ADC
Priority
Manager
Current
Sense
+
Mux
Output
Output
10nF
10nF
10nF
10nF
10nF
10nF
RCSN
RSCK
RSDI
RSDO2
RSDO1*
RPWM_CLK
RDI0
RDI1
Table 65. Component values
Reference
Value
comment
RVDD
330 Ohm for VDD=5V
150 Ohm for VDD=3.3V
Device logic protection
CVCC
100 nF
Battery voltage spikes filtering mounted close to IC
RCSN
2.7 kΩ
Microcontroller protection during overvoltage and reverse polarity
RSCK
2.7 kΩ
Microcontroller protection during overvoltage and reverse polarity
RSDI
2.7 kΩ
Microcontroller protection during overvoltage and reverse polarity
RSDO2
220 Ω
Microcontroller protection during overvoltage and reverse polarity
RSDO1
50 Ω
Optional
D1
BAT54
Microcontroller protection during overvoltage and reverse polarity
RPWM_CLK
2.2 kΩ
Microcontroller protection during: overvoltage, reverse polarity and loss of GND
RDI0
15 kΩ
Microcontroller protection during: overvoltage, reverse polarity and loss of GND
RDI1
15 kΩ
Microcontroller protection during: overvoltage, reverse polarity and loss of GND
D2
Suppressor 20 V
Negative transient protection.
D3
Suppressor 36 V
Overvoltage protection.
RGND
4.7 kΩ
DGND
BAS21 for VDD = 5 V
Schottky (i.e., BAT54-Y) for VDD = 3.3 V
Reverse polarity protection. Usage of schottky or standard diode dependent on VDD
VN9D7D20F
Application schematics
DS13153 - Rev 8
page 73/92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com