| Electronic Components Datasheet Search |
|
VN9D7D20F Datasheet(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VN9D7D20F Datasheet(HTML) 20 Page - STMicroelectronics |
|
20 / 92 page ![]() Figure 10. SPI read and clear operation CSN SDI SDO Global Status byte MSB LSB Data byte MSB LSB Command byte MSB Address LSB 1 0 Data byte MSB LSB (16 bits) (16 bits) (8 bits) GADG1010171505PS Read device information Specific information can be read but not modified during this mode. Accessible data can be seen in the Table 24. ROM memory map. Incoming data are sampled on the rising edge of the serial clock (SCK), MSB first. The command byte allows to determine which information is read whilst the other two data bytes are "don’t care". Outgoing data are shifted out MSB first on the falling edge of the CSN pin and others on the falling edge of the serial clock (SCK). The first byte corresponds to the Global Status byte and the second to the content of the addressed register and the third byte is 0x00. Note: ROM is based on the 8-bit registers, then even if 16 bits are returned, only the second byte contains the addressed ROM register. Figure 11. SPI read device information CSN SDI SDO Global Status byte MSB LSB Data byte MSB LSB Command byte MSB Address LSB 1 1 Don’t care MSB LSB (16 bits) (16 bits) (8 bits) GADG1010171521PS 4.2.3 Special commands 0xFF – SW-Reset: set all control registers to default An OpCode ‘11’ (read device information) addressed at ‘111111’ forces a software reset of the device, second and third bytes are "don't care" provided that at least one bit is zero. Note: An OpCode '11' at address '111111' with data field equal to '1111111111111111' on the SPI frame is recognized as a frame error and the SPIE bit of GSB is set. VN9D7D20F SPI functional description DS13153 - Rev 8 page 20/92 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |