Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VN9D7D20F Datasheet(PDF) 31 Page - STMicroelectronics

Part # VN9D7D20F
Description  4-channel high-side driver with 24-bit SPI interface for automotive applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN9D7D20F Datasheet(HTML) 31 Page - STMicroelectronics

Back Button VN9D7D20F Datasheet HTML 27Page - STMicroelectronics VN9D7D20F Datasheet HTML 28Page - STMicroelectronics VN9D7D20F Datasheet HTML 29Page - STMicroelectronics VN9D7D20F Datasheet HTML 30Page - STMicroelectronics VN9D7D20F Datasheet HTML 31Page - STMicroelectronics VN9D7D20F Datasheet HTML 32Page - STMicroelectronics VN9D7D20F Datasheet HTML 33Page - STMicroelectronics VN9D7D20F Datasheet HTML 34Page - STMicroelectronics VN9D7D20F Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 92 page
background image
Table 34. Truth table
DIECRx
SOCRx
Related DIx logic status
OUTPUTx state
1
1
X
ON
1
0
L
OFF
1
0
H
ON
0
1
X
ON
0
0
X
OFF
The output channels can be configured to operate in BULB or LED mode using the channel control register
(CCR). If the relevant bit in CCR is 0, the output is configured in BULB mode, if it is set to 1, the output is
configured in LED mode (default value is 0).
Figure 16. 4-channel direct input block diagram
SPI Register : SOCR
SPI Output Control Register
3
2
1
0
OUTPUT OUTPUT OUTPUT OUTPUT
Direct
Input 0
Gate Driver
Channel 0
OR
OR
OR
OR
Gate Driver
Channel 1
Gate Driver
Channel 2
Gate Driver
Channel 3
Direct
Input 1
OTP
GADG280120191250MT
SPI Register
: OUTCFGR
Output Configuration Register
3
2
1
0
DIENCR
DIENCR DIENCR DIENCR
SPI Register : OUTSRx
Outputx Status Register
3
2
1
0
DIENSR DIENSR
DIENSR DIENSR DIENSR
4.5
Output switching slopes control
Output switching slopes are set by the two bits SLOPECR1, 2 in the OUTCFGCRx register (address from 0x08h
to 0x0Dh depending on the channel). The switching slopes are shown in the following table:
Table 35. Switching slopes
SLOPECRx
Channel 0,1 (V/μs)
Channel 2,3 (V/μs)
00
Standard
Standard
01
Fast
Fast
10
Faster
Faster
11
Fastest
Fastest
VN9D7D20F
SPI functional description
DS13153 - Rev 8
page 31/92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com