Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VN9D7D20F Datasheet(PDF) 35 Page - STMicroelectronics

Part # VN9D7D20F
Description  4-channel high-side driver with 24-bit SPI interface for automotive applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN9D7D20F Datasheet(HTML) 35 Page - STMicroelectronics

Back Button VN9D7D20F Datasheet HTML 31Page - STMicroelectronics VN9D7D20F Datasheet HTML 32Page - STMicroelectronics VN9D7D20F Datasheet HTML 33Page - STMicroelectronics VN9D7D20F Datasheet HTML 34Page - STMicroelectronics VN9D7D20F Datasheet HTML 35Page - STMicroelectronics VN9D7D20F Datasheet HTML 36Page - STMicroelectronics VN9D7D20F Datasheet HTML 37Page - STMicroelectronics VN9D7D20F Datasheet HTML 38Page - STMicroelectronics VN9D7D20F Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 92 page
background image
CHLOFFTCR0
Channel Latch OFF Timer Control register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
R
R
R
R
Address:
0x10h
Type:
RW
Reset:
0
Description:
The output behavior in case of power limitation or thermal shut-down is programmable, as
latch-off or Time limited auto-restart (tblanking). The default mode is the latch-off one which
corresponds to have 0x0h in the register. In Time limited autorestart, when the channel is
turned ON, after a transition from 0 to 1 of the corresponding SOCR bit or activation through
associated DIx input when DIENCR bit is set, power limitation and thermal shutdown latches
are inhibited for a programmed tblanking time.
See Programmable blanking window (PBW) for more details.
Two Registers are used for setting the tblanking values for each channel:
•
CHLOFFTCR0 for channels 2,1,0;
•
CHLOFFTCR1 for channel 3.
[15:12]
CHLOFFTCR[23:20]:
It configures the output behavior in case of power limitation for the corresponding channel 2.
[11:8]
CHLOFFTCR[13:10]:
It configures the output behavior in case of power limitation for the corresponding channel 1.
[7:4]
CHLOFFTCR[03:00]:
It configures the output behavior in case of power limitation for the corresponding channel 0.
[3:1]
RESERVED
[0]
PARITY: parity bit
VN9D7D20F
SPI functional description
DS13153 - Rev 8
page 35/92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com