Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SRC4382IPFBT Datasheet(PDF) 23 Page - Texas Instruments

Part # SRC4382IPFBT
Description  Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SRC4382IPFBT Datasheet(HTML) 23 Page - Texas Instruments

Back Button SRC4382IPFBT Datasheet HTML 19Page - Texas Instruments SRC4382IPFBT Datasheet HTML 20Page - Texas Instruments SRC4382IPFBT Datasheet HTML 21Page - Texas Instruments SRC4382IPFBT Datasheet HTML 22Page - Texas Instruments SRC4382IPFBT Datasheet HTML 23Page - Texas Instruments SRC4382IPFBT Datasheet HTML 24Page - Texas Instruments SRC4382IPFBT Datasheet HTML 25Page - Texas Instruments SRC4382IPFBT Datasheet HTML 26Page - Texas Instruments SRC4382IPFBT Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 85 page
background image
www.ti.com
Audio Serial
PortA
Audio Serial
PortB
Digital
Interface
Receiver(DIR)
Digital
Interface
Transmitter
(DIT)
Asynchronous
Sample Rate
Converter
(SRC)
TX+
TX
-
SDINA
SDOUTA
LRCKA
BC A
K
SDINB
SDOUTB
LRCKB
BC B
K
CPM
CS or A0
CCLKorSCL
CDINor
1
A
CDOUT orSDA
INT
RST
Host
Interface
(SPIor I C)
2
and
Gene a
r l-
Purp s
o e
Outputs
Master
Cl ck
o
Distribution
MC K
L
RXCKI
FromRXCKO
GP
1
O
GP
2
O
GP
3
O
GP
4
O
AESOUT
RXCKO
LOCK
RX +
2
RX
-
2
RX +
3
RX
-
3
RX +
4
RX
-
4
RX +
1
RX
-
1
RDY
MU E
T
BLS
SY C
N
ControlandStatus
Registers
DIRCand U
DataBuffers
DITCand U
DataBuffers
SRC4382
Power
VDD18
DGND1
VDD33
DGND2
VIO
DGND3
VCC
AG D
N
BG D
N
InternallyTied
toSubstrate
RESET OPERATION
SRC4382
SBFS030C – JANUARY 2006 – REVISED SEPTEMBER 2007
Figure 59 shows a simplified functional block diagram for the SRC4382. Additional details for each function block
will be covered in respective sections of this datasheet.
Figure 59. Functional Block Diagram
The SRC4382 includes an asynchronous active low reset input, RST (pin 24), which may be used to initialize the
internal logic at any time. The reset sequence forces all registers and buffers to their default settings. The reset
low pulse width must be a minimum of 500ns in length. The user should not attempt a write or read operation
using either the SPI or I2C port for at least 500
μs after the rising edge of RST. See Figure 60 for the reset timing
sequence of the SRC4382.
In addition to reset input, the RESET bit in control register 0x01 may be used to force an internal reset, whereby
all registers and buffers are forced to their default settings. Refer to the Control Registers section for details
regarding the RESET bit function.
Upon reset initialization, all functional blocks of the SRC4382 default to the powered-down state, with the
exception of the SPI or I2C host interface and the corresponding control registers. The user may then program
the SRC4382 to the desired configuration, and then release the desired function blocks from the power-down
state utilizing the corresponding bits in control register 0x01.
Copyright © 2006–2007, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): SRC4382



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com