Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SRC4382IPFBT Datasheet(PDF) 33 Page - Texas Instruments

Part # SRC4382IPFBT
Description  Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SRC4382IPFBT Datasheet(HTML) 33 Page - Texas Instruments

Back Button SRC4382IPFBT Datasheet HTML 29Page - Texas Instruments SRC4382IPFBT Datasheet HTML 30Page - Texas Instruments SRC4382IPFBT Datasheet HTML 31Page - Texas Instruments SRC4382IPFBT Datasheet HTML 32Page - Texas Instruments SRC4382IPFBT Datasheet HTML 33Page - Texas Instruments SRC4382IPFBT Datasheet HTML 34Page - Texas Instruments SRC4382IPFBT Datasheet HTML 35Page - Texas Instruments SRC4382IPFBT Datasheet HTML 36Page - Texas Instruments SRC4382IPFBT Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 85 page
background image
www.ti.com
De-Emph s
a is
F te
i
r
l
Interpolation
F te
i
r
l
Decimation
F te
i
r
l
Re-Sampler
Rate
Es mator
ti
f
SIN
f
SOUT
R fere
e
nceClock
P rtA
o
P rtB
o
DIR
Audio DataOutput
INT_ Y
S NC
From PortA,Port B,orDIT
SRCIS[1:0]
DEM[ :
1 0]
AUTODEM
IGRP[1:0]
SRI[ :
4 0]
SRF[10:0]
R
I
A
O
T
RDY (pin15)
M TE(
U
pin14)
DDN
T
C
R
K
A
AL[7:0]
AR[7:0]
OWL[ :
1 0]
MC K
L
R
K
X
I
C
R
K
X
O
C
SRCCLK[10
: ]
SRC4382
SBFS030C – JANUARY 2006 – REVISED SEPTEMBER 2007
input-to-output sampling ratio range. The input and output data sources may be completely asynchronous to one
another; synchronous operation is also supported. The input-to-output sampling ratio is determined automatically
using internal rate estimation logic, with the re-sampler being updated in real time without the need for
programming. The SRC supports input and output sampling rates up to 216kHz, with audio data word lengths up
to 24 bits. A functional block diagram for the SRC is shown in Figure 72.
Figure 72. Asynchronous Sample Rate Converter (SRC) Functional Block Diagram
The SRC receives a digital audio input from one of three data sources: Port A, Port B, or the DIR. By default,
Port A is selected as the input source for the SRC. The output of the SRC may be connected to Port A, Port B,
and/or the DIT.
The SRC requires a reference clock, which may be sourced from either the MCLK (pin 25) or RXCKI (pin 13)
clock inputs, or from the RXCKO recovered master clock output from the DIR block. The reference clock is
utilized by the rate estimator to determine the input-to-output sampling ratio. By default, MCLK is selected as the
reference clock source for the SRC.
As part of the SRC rate estimation and re-sampling functions, two digital servo loops are employed, one for the
input side and one for the output side. The servo loops operate in two modes: Fast and Slow. When a change in
one or both of the sampling rates occurs, the servo loop(s) enter(s) Fast mode operation. When a servo loop has
settled in Fast mode, it will then switch to Slow mode. When both the input and output servo loops have switched
to Slow mode, the RDY output (pin 15) is forced low, indicating that the SRC has completed the rate estimation
process.
Copyright © 2006–2007, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Link(s): SRC4382



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com