Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SRC4382IPFBT Datasheet(PDF) 45 Page - Texas Instruments

Part # SRC4382IPFBT
Description  Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SRC4382IPFBT Datasheet(HTML) 45 Page - Texas Instruments

Back Button SRC4382IPFBT Datasheet HTML 41Page - Texas Instruments SRC4382IPFBT Datasheet HTML 42Page - Texas Instruments SRC4382IPFBT Datasheet HTML 43Page - Texas Instruments SRC4382IPFBT Datasheet HTML 44Page - Texas Instruments SRC4382IPFBT Datasheet HTML 45Page - Texas Instruments SRC4382IPFBT Datasheet HTML 46Page - Texas Instruments SRC4382IPFBT Datasheet HTML 47Page - Texas Instruments SRC4382IPFBT Datasheet HTML 48Page - Texas Instruments SRC4382IPFBT Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 85 page
background image
www.ti.com
SN74LVC1G125
orEquivalent
0.1mF
T RX+
o
ToRX-
From+5VLogic
(TTLorCMOS)
VDD33
5
2
3
1
4
SN74AVC1T45
orEquivalent
0.1mF
T RX+
o
ToRX-
From+1.8Vor+2.5V
CMOSLogic
+1.8Vor+2.5V
5
VDD33
6
3
1
2
4
TRANSMITTER OUTPUT INTERFACING
1:1
0.1 F
m
TX+
TX-
3
2
1
XLR
DigitalOutput
110
B
W
alanced
110W
SRC4382
SBFS030C – JANUARY 2006 – REVISED SEPTEMBER 2007
The SRC4382 line receivers may also be driven directly from external logic or line receiver devices with TTL or
CMOS outputs. If the logic driving the line receiver is operated from +3.3V, then logic level translation is not be
required. However, if the external logic is operated from a power-supply voltage that exceeds the maximum
VDD33 supply voltage of the SRC4382, or operates from a supply voltage lower than +3.3V, then level
translation is required. Figure 87 shows the recommended logic level translation methods, utilizing buffers and
level translators available from Texas Instruments.
Figure 87. CMOS/TTL Input Logic Interface
This section details the recommended interfaces for the SRC4382 transmitter line driver and CMOS buffered
outputs. Balanced and unbalanced line interfaces, in addition to optical transmitter and external logic interfacing,
will be discussed.
For professional digital audio interfaces, 110
Ω balanced line interfaces are either required or preferred.
Transformer coupling is commonly employed to provide isolation and to improve common-mode noise
performance. Figure 88 shows the recommended transformer-coupled balanced line driver interface for the
SRC4382. The transformer is specified for a 1:1 turn ratio, and should exhibit low inter-winding capacitance for
best performance. To eliminate residual DC bias, a 0.1
μF capacitor is utilized for AC-coupling the transformer to
the line driver outputs. The coupling capacitor should be a surface-mount ceramic chip type with an X7R or C0G
dielectric.
Figure 88. Transformer-Coupled Balanced Output Interface
Unbalanced 75
Ω coaxial cable interfaces are commonly employed in consumer and broadcast audio
applications. Designs with and without transformer line coupling may be utilized. Figure 89(a) illustrates the
recommended 75
Ω transformer-coupled line driver interface, which shares many similarities to the balanced
design shown in Figure 88. Figure 89(b) illustrates the transformer-free line driver interface, which is commonly
used for S/PDIF consumer connections.
Copyright © 2006–2007, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Link(s): SRC4382



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com