Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SRC4382IPFBT Datasheet(PDF) 40 Page - Texas Instruments

Part # SRC4382IPFBT
Description  Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SRC4382IPFBT Datasheet(HTML) 40 Page - Texas Instruments

Back Button SRC4382IPFBT Datasheet HTML 36Page - Texas Instruments SRC4382IPFBT Datasheet HTML 37Page - Texas Instruments SRC4382IPFBT Datasheet HTML 38Page - Texas Instruments SRC4382IPFBT Datasheet HTML 39Page - Texas Instruments SRC4382IPFBT Datasheet HTML 40Page - Texas Instruments SRC4382IPFBT Datasheet HTML 41Page - Texas Instruments SRC4382IPFBT Datasheet HTML 42Page - Texas Instruments SRC4382IPFBT Datasheet HTML 43Page - Texas Instruments SRC4382IPFBT Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 85 page
background image
www.ti.com
APPLICATIONS INFORMATION
SRC4382
SBFS030C – JANUARY 2006 – REVISED SEPTEMBER 2007
Typical application diagrams and power-supply connections are presented in this section to aid the customer in
hardware designs employing the SRC4382 device.
Figure 80 illustrates typical application connections for the SRC4382 using an SPI host interface. The SPI host
will typically be a microcontroller, digital signal processor, or a programmable logic device. In addition to
providing the SPI bus master, the host may be utilized to process interrupt and flag outputs from the SRC4382.
The audio serial ports are connected to external digital audio devices, which may include data converters, digital
signal processors, digital audio interface receivers/transmitters, or other logic devices. The DIR inputs and DIT
outputs are connected to line, optical, or logic interfaces (see the Receiver Input Interfacing and Transmitter
Output Interfacing sections). Master and DIR reference clock sources are also shown.
Figure 81 illustrates typical application connections for the SRC4382 using an I2C bus interface. The I2C bus
master will typically be a microcontroller, digital signal processor, or a programmable logic device. In addition to
providing the I2C bus master, the host may be used to process interrupt and flag outputs from the SRC4382.
Pull-up resistors are connected from SCL (pin 20) and SDA (pin 22) to the VIO supply rail. These pull-up
resistors are required for the open drain outputs of the I2C interface. All other connections to the SRC4382 are
the same as the SPI host case discussed previously.
Figure 82 illustrates the recommended power-supply connections and bypassing for the SRC4382. In this case, it
is assumed that the VIO, VDD33, and VCC supplies are powered from the same +3.3V power source. The
VDD18 core supply is powered from a separate supply, or derived from the +3.3V supply using a linear voltage
regulator, as illustrated with the optional regulator circuitry of Figure 82.
The 0.1
μF bypass capacitors are surface-mount X7R ceramic, and should be located as close to the device as
possible. These capacitors should be connected directly between the supply and corresponding ground pins of
the SRC4382. The ground pin is then connected directly to the ground plane of the printed circuit board (PCB).
The larger value capacitors, shown connected in parallel to the 0.1
μF capacitors, are recommended. At a
minimum, there should at least be footprints on the PCB for installation of these larger capacitors, so that
experiments can be run with and without the capacitors installed, in order to determine the effect on the
measured performance of the SRC4382. The larger value capacitors can be surface-mount X7R multilayer
ceramic or tantalum chip.
The substrate ground, BGND (pin 44), should be connected by a PCB trace to AGND (pin 10). The AGND pin is
then connected directly to the ground plane. This connection helps to reduce noise in the DIR section of the
device, aiding the overall jitter and noise tolerance for the receiver.
A series resistor is shown between the +3.3V supply and VCC (pin 9) connection. This resistor combines with the
bypass capacitors to create a simple RC filter to remove higher frequency components from the VCC supply. The
series resistor should be a metal film type for best filtering characteristics. As a substitute for the resistor, a ferrite
bead can be utilized, although it may have to be physically large in order to contribute to the filtering.
40
Submit Documentation Feedback
Copyright © 2006–2007, Texas Instruments Incorporated
Product Folder Link(s): SRC4382



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com