Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SRC4382IPFBT Datasheet(PDF) 35 Page - Texas Instruments

Part # SRC4382IPFBT
Description  Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SRC4382IPFBT Datasheet(HTML) 35 Page - Texas Instruments

Back Button SRC4382IPFBT Datasheet HTML 31Page - Texas Instruments SRC4382IPFBT Datasheet HTML 32Page - Texas Instruments SRC4382IPFBT Datasheet HTML 33Page - Texas Instruments SRC4382IPFBT Datasheet HTML 34Page - Texas Instruments SRC4382IPFBT Datasheet HTML 35Page - Texas Instruments SRC4382IPFBT Datasheet HTML 36Page - Texas Instruments SRC4382IPFBT Datasheet HTML 37Page - Texas Instruments SRC4382IPFBT Datasheet HTML 38Page - Texas Instruments SRC4382IPFBT Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 85 page
background image
www.ti.com
SRC4382
SBFS030C – JANUARY 2006 – REVISED SEPTEMBER 2007
DEM0 and DEM1 bits. The AUTODEM function automatically enables and disables the de-emphasis filter for the
required sampling rate based upon the setting of the pre-emphasis and sampling frequency channel status bits in
the AES3 or S/PDIF input data stream, which are decoded by the DIR block. The AUTODEM feature functions
only when both 50/15
μs pre-emphasis and one of the three supported sampling rates (32kHz, 44.1kHz, or
48kHz) are decoded by the DIR. By default, the de-emphasis filter, including the AUTODEM function, is disabled.
The group delay of the SRC interpolation function can be programmed to one of four settings. The actual length
of the interpolation filter is unaltered, but the number of samples pre-buffered in the FIFO prior to the re-sampler
function can be set to 64, 32, 16, or 8. The FIFO length directly impacts the latency and group delay. By default,
the number of samples pre-buffered is set to 64.
The decimation filter includes a direct down-sampling option. This option should only be used in cases where the
output sampling rate is higher than the input sampling rate. The advantage of using the direct down-sampling
option is that it results in zero latency operation, as it simply selects one out of every 16 samples from the
re-sampler output without applying low-pass anti-aliasing filtering. By contrast, the decimation filter response
adds 36.46875 samples of group delay. The disadvantage of the direct down-sampling option is that it cannot be
used in cases where the output sampling rate is equal to or lower than the input sampling rate, since the lack of
low-pass filtering results in aliasing. By default, the decimation filter is enabled, as the initial values of the input
and output sampling rates may be unknown.
The SRC includes two status registers that contain the integer and fractional parts of the input-to-output sampling
ratio, which is derived by the SRC rate estimator circuitry. These registers can be read back any time the RDY
output is low. When either the input or output sampling rate is known, the unknown sampling rate can be
calculated using the contents of these status registers.
The SRC provides a simple word length reduction mechanism for reducing 24-bit audio data to 20-, 18-, or 16-bit
output word lengths. Word length reduction is performed utilizing triangular probability density function (or TPDF)
dither. The OWL0 and OWL1 bits in control register 0x2F are utilized to set the SRC output word length.
One note concerning the SRC output word length setting: when using the SRC output as the data source for
either the Port A or Port B serial data outputs, and the audio serial port data format is set to Right-Justified, the
word length set for the audio serial port format must match the word length set for the SRC output data.
Copyright © 2006–2007, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Link(s): SRC4382



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com