Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SRC4382IPFBT Datasheet(PDF) 10 Page - Texas Instruments

Part # SRC4382IPFBT
Description  Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SRC4382IPFBT Datasheet(HTML) 10 Page - Texas Instruments

Back Button SRC4382IPFBT Datasheet HTML 6Page - Texas Instruments SRC4382IPFBT Datasheet HTML 7Page - Texas Instruments SRC4382IPFBT Datasheet HTML 8Page - Texas Instruments SRC4382IPFBT Datasheet HTML 9Page - Texas Instruments SRC4382IPFBT Datasheet HTML 10Page - Texas Instruments SRC4382IPFBT Datasheet HTML 11Page - Texas Instruments SRC4382IPFBT Datasheet HTML 12Page - Texas Instruments SRC4382IPFBT Datasheet HTML 13Page - Texas Instruments SRC4382IPFBT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 85 page
background image
www.ti.com
PIN CONFIGURATION
TopView
TQFP
36
35
34
33
32
31
30
29
28
27
26
25
SYNC
BLS
AESOUT
VDD33
TX+
TX
-
DGND2
GPO4
GPO3
GPO2
GPO1
MCLK
1
2
3
4
5
6
7
8
9
10
11
12
RX1+
RX1
-
RX2+
RX2
-
RX3+
RX3
-
RX4+
RX4
-
VCC
AGND
LOCK
RXCKO
48
47
46
45
44
43
42
41
40
39
38
13
14
15
16
17
18
19
20
21
22
23
37
24
SRC4382
NC=NoConnection
SRC4382
SBFS030C – JANUARY 2006 – REVISED SEPTEMBER 2007
PIN DESCRIPTIONS
NAME
PIN NUMBER
I/O
DESCRIPTION
RX1+
1
Input
Line Receiver 1, Noninverting Input
RX1–
2
Input
Line Receiver 1, Inverting Input
RX2+
3
Input
Line Receiver 2, Noninverting Input
RX2–
4
Input
Line Receiver 2, Inverting Input
RX3+
5
Input
Line Receiver 3, Noninverting Input
RX3–
6
Input
Line Receiver 3, Inverting Input
RX4+
7
Input
Line Receiver 4, Noninverting Input
RX4–
8
Input
Line Receiver 4, Inverting Input
VCC
9
Power
DIR Comparator and PLL Power Supply, +3.3V Nominal
AGND
10
Ground
DIR Comparator and PLL Power-Supply Ground
LOCK
11
Output
DIR PLL Lock Flag (active Low)
RXCKO
12
Output
DIR Recovered Master Clock (tri-state output)
RXCKI
13
Input
DIR Reference Clock
MUTE
14
Input
SRC Output Mute (active High)
RDY
15
Output
SRC Ready Flag (active Low)
DGND1
16
Ground
Digital Core Ground
VDD18
17
Power
Digital Core Supply, +1.8V Nominal
CPM
18
Input
Control Port Mode, 0 = SPI Mode, 1 = I2C Mode
CS or A0
19
Input
Chip Select (active Low) for SPI Mode or Programmable Slave Address for I2C Mode
CCLK or SCL
20
Input
Serial Data Clock for SPI Mode or I2C Mode
CDIN orA1
21
Input
SPI Port Serial Data input or Programmable Slave Address for I2C Mode
CDOUT or SDA
22
I/O
SPI Port Serial Data Output (tri-state output) or Serial Data I/O for I2C Mode
10
Submit Documentation Feedback
Copyright © 2006–2007, Texas Instruments Incorporated
Product Folder Link(s): SRC4382



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com