Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SRC4382IPFBT Datasheet(PDF) 76 Page - Texas Instruments

Part # SRC4382IPFBT
Description  Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SRC4382IPFBT Datasheet(HTML) 76 Page - Texas Instruments

Back Button SRC4382IPFBT Datasheet HTML 72Page - Texas Instruments SRC4382IPFBT Datasheet HTML 73Page - Texas Instruments SRC4382IPFBT Datasheet HTML 74Page - Texas Instruments SRC4382IPFBT Datasheet HTML 75Page - Texas Instruments SRC4382IPFBT Datasheet HTML 76Page - Texas Instruments SRC4382IPFBT Datasheet HTML 77Page - Texas Instruments SRC4382IPFBT Datasheet HTML 78Page - Texas Instruments SRC4382IPFBT Datasheet HTML 79Page - Texas Instruments SRC4382IPFBT Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 85 page
background image
www.ti.com
REFERENCE DOCUMENTS
SRC4382
SBFS030C – JANUARY 2006 – REVISED SEPTEMBER 2007
Throughout this data sheet, various standards and documents are repeatedly cited as references. Sources for
these documents are listed here so that the reader may obtain the documents for further study.
Audio Engineering Society (AES) standards documents, including the AES3, AES11, AES18, and related
specifications are available from the AES web site: http://www.aes.org.
International Electrotechnical Committee (IEC) standards, including the IEC60958 and IEC61937 are available
from the IEC web site: http://www.iec.ch; or the ANSI web site: http://www.ansi.org.
The EIAJ CP-1212 (formerly CP-1201) standard is available from the Japanese Electronics and Information
Technologies Industries Association (JEITA): http://www.jeita.or.jp/english.
The Philips I2C bus specification is available from Philips: http://www.philips.com.The version utilized as a
reference for this product is Version 2.1, published in January 2000.
Several papers regarding balanced and unbalanced transformer-coupled digital audio interfaces have been
published and presented at past AES conventions by Jon D. Paul of Scientific Conversion, Inc. These papers are
available for download from: http://www.scientificonversion.com.
Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
DATE
REV
PAGE
SECTION
DESCRIPTION
—
—
Changed from Product Preview to Production Data.
12
Typical Characteristics
Corrected spelling of Typical.
Product Overview,
35
Asynchronous Sample Rate
Figure 74: Corrected alignment of text.
Converter Operation
Product Overview,
Figure 79: Changed reference to multiple SRC4392 devices.
40
Interrupt Output
Corrected spelling error.
Applications Information,
45
Figure 85, Figure 86: Corrected spelling errors.
4/06
B
Receiver Input Interfacing
Applications Information,
Figure 89, Figure 90: Corrected spelling errors.
47
Transmitter Output
Figure 90: Renamed Optical Receiver block to Optical
Interfacing
Transmitter.
Changed wording in paragraph describing Control Registers
Applications Information,
49
to accurately explain which register addresses are reserved
Control Registers
for factory or future use.
Corrected punctuation errors: AES3-encoded,
Global
—
transformer-coupled.
Changes from Revision B (April 2006) to Revision C .................................................................................................... Page
• Added U.S. patent number to front page............................................................................................................................... 1
76
Submit Documentation Feedback
Copyright © 2006–2007, Texas Instruments Incorporated
Product Folder Link(s): SRC4382



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com