Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SRC4382IPFBT Datasheet(PDF) 54 Page - Texas Instruments

Part # SRC4382IPFBT
Description  Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SRC4382IPFBT Datasheet(HTML) 54 Page - Texas Instruments

Back Button SRC4382IPFBT Datasheet HTML 50Page - Texas Instruments SRC4382IPFBT Datasheet HTML 51Page - Texas Instruments SRC4382IPFBT Datasheet HTML 52Page - Texas Instruments SRC4382IPFBT Datasheet HTML 53Page - Texas Instruments SRC4382IPFBT Datasheet HTML 54Page - Texas Instruments SRC4382IPFBT Datasheet HTML 55Page - Texas Instruments SRC4382IPFBT Datasheet HTML 56Page - Texas Instruments SRC4382IPFBT Datasheet HTML 57Page - Texas Instruments SRC4382IPFBT Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 85 page
background image
www.ti.com
SRC4382
SBFS030C – JANUARY 2006 – REVISED SEPTEMBER 2007
This bit is used to mute the Port B audio data output.
BMUTE
Output Mute
0
Disabled; SDOUTB is driven by the output data source. (Default)
1
Enabled; SDOUTB is forced low.
Register 06: Port B Control Register 2
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
0
0
0
0
BCLK1
BCLK0
BDIV1
BDIV0
BDIV[1:0]
Port B Master Mode Clock Divider
These bits are used to set the master clock divider for generating the LRCKB clock for Port B when configured for Master mode operation.
BCKB is always set to 64 times the LRCKB clock rate in Master mode.
BDIV1
BDIV0
Master Mode Clock Divider
0
0
Divide By 128 (Default)
0
1
Divide By 256
1
0
Divide By 384
1
1
Divide By 512
BCLK[1:0]
Port B Master Clock Source
These bits are used to set the master clock source for Port B when configured for Master mode operation.
BCLK1
BCLK0
Master Clock Source
0
0
MCLK (Default)
0
1
RXCKI
1
0
RXCKO
1
1
Reserved
Register 07: Transmitter Control Register 1
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
TXCLK
TXDIV1
TXDIV0
TXIS1
TXIS0
BLSM
VALID
BSSL
BSSL
Block Start or Asynchronous Data Slip Interrupt Trigger Selection
This bit is used to select the trigger source for the Transmitter TSLIP status and interrupt bit.
BSSL
TSLIP Interrupt Trigger Source
0
Data Slip Condition (Default)
1
Block Start Condition
VALID
Validity (V) Data Bit
This bit may be used to set the validity (or V) data bit in the AES3-encoded output. Refer to the VALSEL bit in control register 0x09 for
V-bit source selection.
VALID
Transmitted Validity (V) Bit Data
Indicates that the transmitted audio data is suitable for conversion to an analog signal or for further digital
0
processing. (Default)
Indicates that the transmitted audio data is not suitable for conversion to an analog signal or for further
1
digital processing.
BLSM
Transmitter Block Start Input/Output Mode
This bit is used to select the input/output mode for the DIT block start pin, BLS (pin 35).
BLSM
BLS Pin Mode
0
Input (Default)
1
Output
54
Submit Documentation Feedback
Copyright © 2006–2007, Texas Instruments Incorporated
Product Folder Link(s): SRC4382



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com