Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SRC4382IPFBT Datasheet(PDF) 32 Page - Texas Instruments

Part # SRC4382IPFBT
Description  Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SRC4382IPFBT Datasheet(HTML) 32 Page - Texas Instruments

Back Button SRC4382IPFBT Datasheet HTML 28Page - Texas Instruments SRC4382IPFBT Datasheet HTML 29Page - Texas Instruments SRC4382IPFBT Datasheet HTML 30Page - Texas Instruments SRC4382IPFBT Datasheet HTML 31Page - Texas Instruments SRC4382IPFBT Datasheet HTML 32Page - Texas Instruments SRC4382IPFBT Datasheet HTML 33Page - Texas Instruments SRC4382IPFBT Datasheet HTML 34Page - Texas Instruments SRC4382IPFBT Datasheet HTML 35Page - Texas Instruments SRC4382IPFBT Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 85 page
background image
www.ti.com
2
0
-
2
-
4
-
6
-
8
-
10
-
12
-
14
-
16
-
18
-
20
10
0
10
1
10
2
10
3
JitterFrequency(Hz)
10
4
10
5
10
6
-
10
-
20
-
30
-
40
-
50
-
60
-
70
-
80
-
90
-
100
-
110
-
120
-
130
-
140
-
150
20
100
1k
SinusoidalJitterFrequency(Hz)
10k
100k
5
2
1
500m
200m
100m
50m
20m
10m
5m
2m
1m
THD+N
OutputJitterAmplitude
InputJitterAmplitude
Ch2
.
Ch. 1
Ch. 1
Ch2
.
Ch2
.
Ch. 1
Ch. 1
Ch2
.
BLS
(output)
SY C
N
(output)
CorU daa
t
(output)
Bit 0
Bit 1
Bit 2
Bit 4
¼
Block Start
(Fr me
a
0St rtsHe
a
re)
ASYNCHRONOUS SAMPLE RATE CONVERTER (SRC) OPERATION
SRC4382
SBFS030C – JANUARY 2006 – REVISED SEPTEMBER 2007
Figure 69. DIR Jitter Attenuation Characteristics
Figure 70. DIR Jitter Tolerance Plot
Figure 71. DIR Channel Status and User Data Serial Output Format Via the GPO Pins
The asynchronous SRC provides conversion from an arbitrary input sampling rate to a desired output sampling
rate. The input and output sampling rates may be equal or different, within the bounds of a 1:16 to 16:1
32
Submit Documentation Feedback
Copyright © 2006–2007, Texas Instruments Incorporated
Product Folder Link(s): SRC4382



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com