Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SRC4382IPFBT Datasheet(PDF) 43 Page - Texas Instruments

Part # SRC4382IPFBT
Description  Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SRC4382IPFBT Datasheet(HTML) 43 Page - Texas Instruments

Back Button SRC4382IPFBT Datasheet HTML 39Page - Texas Instruments SRC4382IPFBT Datasheet HTML 40Page - Texas Instruments SRC4382IPFBT Datasheet HTML 41Page - Texas Instruments SRC4382IPFBT Datasheet HTML 42Page - Texas Instruments SRC4382IPFBT Datasheet HTML 43Page - Texas Instruments SRC4382IPFBT Datasheet HTML 44Page - Texas Instruments SRC4382IPFBT Datasheet HTML 45Page - Texas Instruments SRC4382IPFBT Datasheet HTML 46Page - Texas Instruments SRC4382IPFBT Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 85 page
background image
www.ti.com
RECEIVER INPUT INTERFACING
(1)Inserta0.1 Fcap
common-modeDCvoltage.
m
acitorwhenblocking
1:1
110W
0.1 F
m
0.1 F
m
ToRX+
T R
o
-
X
3
2
1
XLR
DigitalInput
110
B
W
alanced
C
(1)
(1)Inserta0.1 Fcap
common-modeDC
m
acitorwhenblocking
components.
1:1
75W
0.1 F
m
0.1 F
m
ToRX+
ToRX-
Dig ta
i
lInput
75
Unbalan
W
ced
(RCAorBNCconnector)
C
(1)
(a)Transformer-CoupledUnbalancedLineInterface
75W
0.1 F
m
0.1 F
m
ToRX+
ToRX-
DigitalInput
75
Unbalan
W
ced
(RCAorBNCconnector)
(b)UnbalancedLineInterfaceWithoutTransformer
SRC4382
SBFS030C – JANUARY 2006 – REVISED SEPTEMBER 2007
This section details the recommended interfaces for the SRC4382 line receiver inputs. Balanced and unbalanced
line interfaces, in addition to optical receiver and external logic interfacing, will be discussed.
For professional digital audio interfaces, 110
Ω balanced line interfaces are either required or preferred.
Transformer coupling is commonly employed to provide isolation and to improve common-mode noise rejection.
Figure 83 shows the recommended transformer-coupled balanced line receiver interface for the SRC4382. The
transformer is specified for a 1:1 turn ratio, and should exhibit low inter-winding capacitance for best
performance. Due to the DC bias on the line receiver inputs, 0.1
μF capacitors are utilized for AC-coupling the
transformer to the line receiver inputs. On the line side of the transformer, an optional 0.1
μF capacitor is shown
for cases where a DC bias may be applied at the transmitter side of the connection. The coupling capacitors
should be surface-mount ceramic chip type with an X7R or C0G dielectric.
Figure 83. Transformer-Coupled Balanced Input Interface
Unbalanced 75
Ω coaxial cable interfaces are commonly employed in consumer and broadcast audio
applications. Designs with and without transformer line coupling may be utilized. Figure 84(a) shows the
recommended 75
Ω transformer-coupled line interface, which shares many similarities to the balanced design
shown in Figure 83. Once again, the transformer provides isolation and improved noise rejection. Figure 84(b)
shows the transformer-free interface, which is commonly used for S/PDIF consumer connections.
Figure 84. Unbalanced Line Input Interfaces
Copyright © 2006–2007, Texas Instruments Incorporated
Submit Documentation Feedback
43
Product Folder Link(s): SRC4382



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com