Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC0551 Datasheet(PDF) 10 Page - Raspberry Pi Holdings PLC

Part # SC0551
Description  IQaudio
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

SC0551 Datasheet(HTML) 10 Page - Raspberry Pi Holdings PLC

Back Button SC0551 Datasheet HTML 6Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 7Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 8Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 9Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 10Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 11Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 12Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 13Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 14Page - Raspberry Pi Holdings PLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
v32
10
10-Dec-2020
8. DigiAMP+
DigiAMP+ is a HAT compliant add-on accessory for the Raspberry Pi.
DigiAMP+ uses the Texas Instruments TAS5756M PowerDAC to deliver direct connection to
PASSIVE stereo speakers at up to 2x35wpc with variable output. Ideal for a Pi based HiFi.
DigiAMP+ can be connected to the Raspberry Pi A+/B+/RPi2/RPi3 or RPi4's 40way pin header
without any additional soldering.
DigiAMP+ must be powered from an external supply and requires a 12 to 24DC power source to
operate. DigiAMP+
’s barrel connector is 5.5mmx2.5mm. DigiAMP+ has been designed to provide
power to the Raspberry Pi and DigiAMP+ combination in parallel, delivering 5.1v @ 2.5Amp to the Pi.
DO NOT APPLY POWER TO THE RASPBERRY
PI’s OWN POWER INPUT WHEN USING
DIGIAMP+.
The amplifier is by default muted at power on (mute LED lit). The mute state / LED is under software
control (Raspberry Pi GPIO22).
Power LED
Mute LED
Raspberry Pi GPIO Header
HAT EEPROM Write Enable
Power In (12-24v)
Speaker Terminals
P5: Alternative power input for hard wired installations. POLARITY MUST BE OBSERVED!
P8: TAS5756m Internal GPIO1/2/3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com