Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC0551 Datasheet(PDF) 9 Page - Raspberry Pi Holdings PLC

Part # SC0551
Description  IQaudio
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

SC0551 Datasheet(HTML) 9 Page - Raspberry Pi Holdings PLC

Back Button SC0551 Datasheet HTML 5Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 6Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 7Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 8Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 9Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 10Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 11Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 12Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 13Page - Raspberry Pi Holdings PLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
v32
9
10-Dec-2020
7. DAC+
The DAC+ is a HAT compliant add-on accessory for the Raspberry Pi A+/B+/RPi2/RPi3 or PRi4.
The DAC+ uses the Texas Instruments PCM5122 DAC to deliver analogue audio to the DAC
+’s
Phono connectors. The PI-DAC+ also supports a dedicated headphone amplifier.
The PDAC+ can be connected to the Raspberry
Pi’s 40way pin header without any additional
soldering. The DAC+ is powered by the Raspberry Pi.
Raspberry Pi GPIO header
HAT EEPROM Write Enable
Headphone Socket
PowerLED
Phono (RCA) Output
P1: Analogue out (0..2VRMS), carries GPIO27, MUTE signal (headphone detect), Left and Right
Audio and Left and Right Ground.
P6: Headphone socket signals (pin1: LEFT, 2:GROUND, 3: RIGHT, 4:GROUND, 5:DETECT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com