Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC0551 Datasheet(PDF) 11 Page - Raspberry Pi Holdings PLC

Part # SC0551
Description  IQaudio
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

SC0551 Datasheet(HTML) 11 Page - Raspberry Pi Holdings PLC

Back Button SC0551 Datasheet HTML 7Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 8Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 9Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 10Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 11Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 12Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 13Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 14Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 15Page - Raspberry Pi Holdings PLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
v32
11
10-Dec-2020
9. Codec Zero
Codec Zero is a Raspberry Pi Zero sized board but it also includes the HAT EEPROM allowing for
auto configuration of the Linux environment if needed.
The Codec Zero delivers bi-directional digital audio signals (I2S) between the Raspberry Pi and
onboard Dialog Semiconductor DA7212. Supporting a range of input and output devices from built in
MEMS microphone, mono Electret microphone or mono speaker (1.2W /
8Ω).
It also has GREEN (GPIO23) and RED (GPIO24) LEDs, that can be used for status and a tactile
button (GPIO27) that can be used to start an event.
The Codec Zero makes a great starting point for a walkie talkie / intelligent doorbell, vintage radio
hack or Smart type speaker.
Stereo AUX IN
Power LED
Mono Speaker
Stereo AUX OUT
GREEN LED
(GPIO23)
MEMS Mic2
Mono Mic1 (Electret)
Button (GPIO27)
RED LED (GPIO24)
P1 and P2 will support external PHONO / RCA sockets if needed. P1: AUX IN, P2: AUX OUT.
Pin 1 is square:
1: Left
2: Ground
3: Right
4: Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com