Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC0551 Datasheet(PDF) 3 Page - Raspberry Pi Holdings PLC

Part # SC0551
Description  IQaudio
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

SC0551 Datasheet(HTML) 3 Page - Raspberry Pi Holdings PLC

  SC0551 Datasheet HTML 1Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 2Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 3Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 4Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 5Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 6Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 7Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 8Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 9Page - Raspberry Pi Holdings PLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
v32
3
10-Dec-2020
1. Getting Started
Thank you for choosing an IQaudio sound card. Next you need to play music, but first you may need
to configure the Raspberry Pi and software package you want to use.
The IQaudio product family
IQaudio sound cards are all designed to work with the current Raspberry Pi and those that have a
40way male GPIO pin header. This includes Raspberry Pi 4B, 3B+, 3A+, 3, Zero etc. Some of our
products are full-size HAT boards for the full-size Raspberry Pi, and others are more suited to the
Raspberry PI Zero form factor.
High-Resolution Audio Playback
DAC Pro
DAC+
DigiAMP+
Codec Zero
24bit Depth
Hi-Def Audio
(96kHz)
Full HD Audio
(192kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com