Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC0551 Datasheet(PDF) 4 Page - Raspberry Pi Holdings PLC

Part # SC0551
Description  IQaudio
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

SC0551 Datasheet(HTML) 4 Page - Raspberry Pi Holdings PLC

  SC0551 Datasheet HTML 1Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 2Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 3Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 4Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 5Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 6Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 7Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 8Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 9Page - Raspberry Pi Holdings PLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
v32
4
10-Dec-2020
2. Which IQaudio board is best for me?
Each IQaudio sound card has a specific purpose and has been designed to integrate with your
existing HiFi / audio or Raspberry Pi equipment. BEST audio playback is from our DAC PRO, DAC+
and DigiAMP+ boards. All support 24bit depth and 192kHz (Full HD Audio).
Line Out
(RCA)
Balanced
(XLR)
STEREO
Speakers
(2x35w)
MONO
Speaker
(1.2w)
Head-
phones
Aux In
1vRMS
Aux Out
1vRMS
Ext
Mic
Built
in Mic
DAC PRO
(XLR board)
DAC+
DigiAMP+
Codec Zero
(MONO)
(No Fit)
(No Fit)
(Electret)
Line Out: A double Phono/RCA connector - Normally Red / White in colour. This output is a variable
analogue signal (0..2vRMS) and connect to your existing HiFi (pre-amp or amplifier) or can be used
to drive Active speakers (with their own amplifier built in).
Balanced Out: An XLR connector - Normally a 3 pin male connector, this is used in Studio and some
hi-end hifi systems. It can also be used to drive ACTIVE
“monitor” speakers as used at discos or on
stage.
STEREO Speakers: Screw terminals - These are normal HiFi speakers (from bookshelf to floor
standing), normally with 2 or 3 drive units, where the signal is filtered to each drive unit by an internal
cross over within the speaker cabinet. These are known as PASSIVE speakers.
MONO Speaker: Screw terminal - Single drive unit speaker, as found in a transistor radio or similar.
Headphones: 3.5mm jack socket. Normally a tip/ring/ground (3pin headphone) delivering stereo
audio to a set of normal headphones. Our headphone amplifiers on the IQaudio DAC boards can
drive up to 80/90ohm impedance headphones. The headphone output of the Codec+ is also aux out.
Aux In: A double Phono/RCA connector or 3.5mm socket. Accepts analogue audio up to 1vRMS
input. Can be used to record audio from a variable analogue source such as phone / tape recorder or
similar.
Aux Out: A double Phono/RCA connector or 3.5mm socket. Delivers analogue audio up to 1vRMS
output. Can be used to feed audio into an amplifier (but at a reduced volume compared to Line Out)
Mic In: a 3.5mm socket for use with an external Electret microphone. Some of our boards have a
built in MEMS microphone that is disabled when the external microphone jack is inserted into the
3.5mm socket.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com