Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC0551 Datasheet(PDF) 25 Page - Raspberry Pi Holdings PLC

Part # SC0551
Description  IQaudio
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

SC0551 Datasheet(HTML) 25 Page - Raspberry Pi Holdings PLC

Back Button SC0551 Datasheet HTML 17Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 18Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 19Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 20Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 21Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 22Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 23Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 24Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 25Page - Raspberry Pi Holdings PLC  
Zoom Inzoom in Zoom Outzoom out
 25 / 25 page
background image
v32
25
10-Dec-2020
4. Useful data (screw sizes / part numbers / wire gauge size etc.)
The full range of IQaudio sound cards and accessories are available directly from IQaudio Limited
(www.iqaudio.com) or through various Worldwide distribution channels.
Useful Data:
o PCB screws are all m2.5
o PCB standoffs (for CASE) are 5mm male / female
o PCB standoffs (for Pi to IQaudio products) are 9mm female / female
o PCB standoffs (for XLR to DAC PRO) are 8mm female / male
o PCB standoffs (for the official Raspberry Pi
7” display) are 5mm male / female*
o The rotary encoders we have used and tested are the ALPHA 3 pin Rotary Encoder
RE160F-40E3-20A-24P, the ALPS EC12E2430804 (RS: 729-5848), the Bourns ECW0J-
B24-AC0006L (RS: 263-2839)
o The Barrel connector used for powering the DigiAMP+ is 2.5mmID, 5.5mmOD, 11mm
o The DigiAMP+ is designed to operate with a 12v 3amp to 24v supply such as the XPPower
VEC65US19 or similar
o The DigiAMP+ uses CamdenBoss two part connectors. Those fitted to the PCB are:
CTBP9350/2AO
o The speaker terminal used on the Codec Zero will accept wires of between 14 ~ 26 AWG
(wire of max 1.6mm in diameter)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com