Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC0551 Datasheet(PDF) 21 Page - Raspberry Pi Holdings PLC

Part # SC0551
Description  IQaudio
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

SC0551 Datasheet(HTML) 21 Page - Raspberry Pi Holdings PLC

Back Button SC0551 Datasheet HTML 17Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 18Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 19Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 20Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 21Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 22Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 23Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 24Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 25Page - Raspberry Pi Holdings PLC  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
v32
21
10-Dec-2020
14. Advanced information
The following section is for more advanced users.
GPIO usage / Pin headers)
The IQaudio range of sound cards for the Raspberry Pi take advantage of a number of Pi signals in
order to operate successfully. Some of these signals are solely for the use of the IQaudio board and
some can be shared with other peripherals, sensors, etc. The information below covers the general
cases. For more Raspberry Pi GPIO information please see the excellent site: https://pinout.xyz
We expect the following Raspberry Pi GPIO to be used by IQaudio audio boards
• ALL POWER PINS
• ALL GROUND PINS
• GPIO 2/3 (I2C)
• GPIO 18/19/20/21 (I2S)
If appropriate then the following are also used
• GPIO 22 (DigiAMP+ mute / unmute support)
• GPIO 23/24 for Rotary Encoder (physical volume control) or status LED (Codec Zero)
• GPIO 25 for the IR Sensor.
• GPIO 27 for the Rotary Encoder push switch / Code Zero switch
DAC PRO, DAC+, DigiAMP+, Codec Zero
SIGNALS
Pin
Name
Name
Pin
1
3V3 (DC Power)
☐
☐
(DC Power) 5V
2
Shared Use
3
GPIO2 (I2C SDA1)
☐
☐
(DC Power) 5V
4
Shared Use
5
GPIO3 (I2C SCL1)
☐
☐
(Ground) 0V
6
7
GPIO4 (GCLK)
☐
☐
(TXD0) GPIO14
8
9
0V (Ground)
☐
☐
(RXD0) GPIO15
10
11
GPIO17 (GEN0)
☐
☐
(I2S CLK) GPIO18
12
I2S Audio
Encoder / Button
13
GPIO27 (GEN2)
☐
☐
(Ground) 0V
14
DigiAMP+ (Mute)
15
GPIO22 (GEN3)
☐
☐
(GEN4) GPIO23
16
Rotary Encoder / LED
17
3V3 (DC Power)
☐
☐
(GEN5) GPIO24
18
Rotary Encoder / LED
19
GPIO10 (SPI_MOSI)
☐
☐
(Ground) 0V
20
21
GPIO9 (SPI_MISO)
☐
☐
(GEN6) GPIO25
22
IR Receiver
23
GPIO11 (SPI_CLK)
☐
☐
(SPI_CE0_N) GPIO8
24
25
0V (Ground)
☐
☐
(SPI_CE1_N) GPIO7
26
EEPROM
27
ID_SD (HAT)
☐
☐
(HAT) ID_SC
28
EEPROM
29
GPIO5
☐
☐
(Ground) 0V
30
31
GPIO6
☐
☐
GPIO12
32
33
GPIO13
☐
☐
(Ground) 0V
34
I2S Audio
35
GPIO19 (I2S)
☐
☐
GPIO16
36
37
GPIO26
☐
☐
(I2S DIN) GPIO20
38
I2S Audio
39
0V (Ground)
☐
☐
(I2S DOUT) GPIO21
40
I2S Audio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com