Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC0551 Datasheet(PDF) 14 Page - Raspberry Pi Holdings PLC

Part # SC0551
Description  IQaudio
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

SC0551 Datasheet(HTML) 14 Page - Raspberry Pi Holdings PLC

Back Button SC0551 Datasheet HTML 10Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 11Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 12Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 13Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 14Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 15Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 16Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 17Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 18Page - Raspberry Pi Holdings PLC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
v32
14
10-Dec-2020
11. Codec Zero Configuration
The IQaudio Codec Zero board uses the Dialog Semiconductor DA7212 codec. The DA7212 allows
the recording of audio from the
board’s built in MEMS microphone, from stereo Phono sockets (AUX
IN), 2x mono external Electret microphones and playback through stereo Phono sockets (AUX OUT)
and mono speaker connector.
Each input and output device has its own
“mixer” allowing the audio levels / volume to be adjusted
independently. Within the codec itself other mixers / switches exist to allow the output to be
Mono’d
for single speaker output, signals may also be inverted and there is a 5 band Equaliser to adjust
certain frequency bands. These settings can be controlled through alsamixer interactively or
programatically.
It is important to note that the AUX IN and AUX OUT are both 1vRMS. It may be necessary to adjust
the AUX
IN’s mixer to ensure the input signal doesn’t saturate the ADCs. (Analogue to Digital
Convertors). Similarly, the output mixers may been to be adjusted to get the best possible output.
Codec Zero features:
• High performance 24-bit audio codec
• Supports common audio sample rates between 8-96kHz
• Built in MEMS microphone (Mic2)
• Mono Electret microphone (Mic2 left)
• Automatic MEMS disabling on Mic2 insert detect
• Supports additional (no fit) Mono Electret microphone (Mic1 right)
• Stereo auxiliary input channel (AUX IN) - PHONO/RCA connectors
• Stereo auxiliary output channel (Headphone / AUX OUT) - 3.5mm Stereo jack
• Flexible analog and digital mixing paths
• DSP for ALC (Automatic Level Control)
• 5-band EQ (Equalisation)
• Mono line-out / mini speaker driver: 1.2W @ 5V, THD<10%,
R=8Ω
We’ve created a set of preconfigured scripts (loadable ALSA settings) on our GitHub site.
https://github.com/iqaudio/Pi-Codec - These cover several use cases such as:
• Mono MEMS mic recording, mono speaker playback
• Mono MEMS mic recording, mono AUX OUT playback
• Stereo AUX IN recording, stereo AUX OUT playback
• Stereo MIC1/MIC2 recording, stereo AUX OUT playback
NOTE: THE CODEC
BOARD’S DA7212 CHIP NEEDS TO KNOW WHAT IS INPUT AND WHAT IS
OUTPUT AT EACH POWER CYCLE FOR IT TO OPERATE SUCCESSFULLY. We suggest your



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com