Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC0551 Datasheet(PDF) 24 Page - Raspberry Pi Holdings PLC

Part # SC0551
Description  IQaudio
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

SC0551 Datasheet(HTML) 24 Page - Raspberry Pi Holdings PLC

Back Button SC0551 Datasheet HTML 17Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 18Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 19Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 20Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 21Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 22Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 23Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 24Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 25Page - Raspberry Pi Holdings PLC  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
v32
24
10-Dec-2020
16. FAQ (Frequently Asked Questions) with answers!
1. Saving alsamixer settings
Storing the alsamixer setting can be achieved by performing the following at the command line:
sudo alsactl store
It is possible to save the current state to a file, then reload that state at startup (very useful for the
Codec boards and use cases)
To save:
sudo alsactl store -f /home/pi/usecase.state
To restore a saved file:
sudo alsactl restore -f /home/pi/usecase.state
2. Using external USB devices
Note that if you want to enable 1.2AMP USB support (to allow USB hard disks to power up when
accessory boards are in use) then you may also want to add the following line to your /boot/config.txt
file:
max_usb_current=1
Please ensure your Pi power supply is able to deliver ~2.5amp if you are powering via mini USB and
enable max_usb_current
3. MPD based audio with volume control
To allow MPD based audio software to control the audio
board’s built in HARDWARE volume the file
/etc/mpd.conf may need to be changed to support the correct ALSA mixer name.
This can be achieved by ensuring the'Audio Output' section of /etc/mpd.conf has the 'mixer_control'
line. Below is an example for the Texas Instruments based IQaudio sound cards (DAC
PRO/DAC+/DigiAMP+)
audio_output {
type
"alsa"
name
"ALSA Device"
mixer_control "Digital"
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com