Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC0551 Datasheet(PDF) 17 Page - Raspberry Pi Holdings PLC

Part # SC0551
Description  IQaudio
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

SC0551 Datasheet(HTML) 17 Page - Raspberry Pi Holdings PLC

Back Button SC0551 Datasheet HTML 13Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 14Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 15Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 16Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 17Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 18Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 19Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 20Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 21Page - Raspberry Pi Holdings PLC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
v32
17
10-Dec-2020
13. Raspberry Pi Audio applications
We continue to work with the premier Raspberry Pi audio/media developers (both commercial and
open source). Some such applications are downloadable and configurable direct from the software
vendors themselves (Max2Play / MoOdeAudio / Volumio, etc.
Max2Play IQaudio Special Edition
IQaudio Special Edition - (https://www.max2play.com/en/max2play-image/) support is
built in - you can install all IQaudio cards with just one click.
IQaudio Max2Play Image First Steps
After connecting the Raspberry Pi to the power supply, you can choose to connect to Max2Play
in three different ways:
1. Connect an ethernet cable to the Raspberry Pi.
2. Use the WPS feature of your router. More information
3. Use the Access Point Autostart Mode. More Information
After connecting in one of these three ways, you are greeted by the Max2Play Start Page. You
can now select IQaudio as the sound card you are using.
After selecting your sound card from the dropdown menu and rebooting the system, all settings
are already made for you and you can choose the audio player you would like to use.
If you have a Rotary Encoder, you can also directly install it with one click in the same menu and
just add the hardware volume control line to the
“Advanced Options” command lines of the audio
player you would like to use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com