Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC0551 Datasheet(PDF) 8 Page - Raspberry Pi Holdings PLC

Part # SC0551
Description  IQaudio
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

SC0551 Datasheet(HTML) 8 Page - Raspberry Pi Holdings PLC

Back Button SC0551 Datasheet HTML 4Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 5Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 6Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 7Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 8Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 9Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 10Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 11Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 12Page - Raspberry Pi Holdings PLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
v32
8
10-Dec-2020
6. DAC PRO
The DAC PRO is a HAT compliant add-on accessory for the Raspberry Pi.
The DAC PRO users the Texas Instruments PCM5242 to deliver outstanding Signal to Noise Ration
and supports Balanced / Differential out in parallel to Phono / RCA line level output. It also includes a
dedicated headphone amplifier.
The DAC PRO can be connected to the Raspberry Pi A+/B+/RPi2/RPi3 or
PRi4’s 40way pin header
without any additional soldering. The DAC PRO is powered by the Raspberry Pi.
Component selection and track layout have been in the forefront of our design to ensure noise
immunity and best possible audio playback with the DAC PRO.
Power LED
Raspberry Pi GPIO Header
HAT EEPROM Write Enable
Headphone socket
XLR / Differential out (LEFT and RIGHT)
Phono (RCA) Output
The DAC PRO exposes two 3 pin headers (P7/P9) used by the optional XLR board to provide
Differential / Balanced output exposed by XLR sockets above the Raspberry
Pi’s USB/Ethernet ports.
P1: Analogue out (0..2VRMS), carries GPIO27, MUTE signal (headphone detect), Left and Right
Audio and Left and Right Ground.
P6: Headphone socket signals (pin1: LEFT, 2:GROUND, 3: RIGHT, 4:GROUND, 5:DETECT)
P7/9: Differential (0..4VRMS) output (P7:LEFT, P9: RIGHT)
P10: Alternative 5v input, powering the Raspberry Pi in parallel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com