Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC0551 Datasheet(PDF) 6 Page - Raspberry Pi Holdings PLC

Part # SC0551
Description  IQaudio
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

SC0551 Datasheet(HTML) 6 Page - Raspberry Pi Holdings PLC

Back Button SC0551 Datasheet HTML 2Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 3Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 4Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 5Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 6Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 7Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 8Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 9Page - Raspberry Pi Holdings PLC SC0551 Datasheet HTML 10Page - Raspberry Pi Holdings PLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
v32
6
10-Dec-2020
4. Headless software
Many of the software packages used with the Raspberry Pi simply turn the Pi into a
“Headless” end-
point. That is to say that it doesn't need, or expect, a screen/display to be physically attached to the
Raspberry
Pi’s HDMI socket
So if
there’s no screen how do you control it?
Well in some cases you
don’t need to do anything with the Pi at all. Take the RoonLabs images, that
turns the Raspberry Pi into a Roon Certified end-point. The Pi is then controlled form the RoonLabs
PC/Mac application which connects to and plays music through the IQaudio sound card on your
Raspberry Pi. No screen needs to be attached to the Pi itself.
Other
“headless” applications install a web server onto the Pi, so to control it you simply open a
browser window on your PC / Mac / Tablet or similar and interact with the Pi based application
through a web page. Applications such as Max2Play, MoodeAudio, Volumio and RuneAudio work
this way.
Max2Play - visit their getting started page here: Max2Play
Volumio:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com