Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3006 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # H8/3006
Description  16-Bit Single-Chip Microcomputer
PDF  796 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3006 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button H8/3006 Datasheet HTML 4Page - Renesas Technology Corp H8/3006 Datasheet HTML 5Page - Renesas Technology Corp H8/3006 Datasheet HTML 6Page - Renesas Technology Corp H8/3006 Datasheet HTML 7Page - Renesas Technology Corp H8/3006 Datasheet HTML 8Page - Renesas Technology Corp H8/3006 Datasheet HTML 9Page - Renesas Technology Corp H8/3006 Datasheet HTML 10Page - Renesas Technology Corp H8/3006 Datasheet HTML 11Page - Renesas Technology Corp H8/3006 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 796 page
background image
Rev.5.00 Sep. 12, 2007 Page viii of xxviii
REJ09B0396-0500
Item
Page
Revision (See Manual for Details)
8.7.2 Register
Configuration
Table 8.14 Port A Pin
Functions (Modes 1 to
4)
PA
1/TP1/TCLKB/TEND1
276
Table amended
Pin
Pin Functions and Selection Method
PA
1/TP1/
TCLKB/
TEND
1
Bit MDF in TMDR, bits TPSC2 to TPSC0 in 16TCR2 to 16TCR0 of the 16-bit timer,
bits CKS2 to CKS0 in 8TCR3 of the 8-bit timer, bit NDER1 in NDERA, and bit
PA
1DDR select the pin function as follows.
PA
1DDR
0
1
1
NDER1
0
1
Pin function
PA
1 input
PA
1 output
TP
1 output
TCLKB input*
1
TEND
1 output*
2
Notes: 1. TCLKB input when MDF = 1 in TMDR, or TPSC2 = 1, TPSC1 = 0, and
TPSC0 = 1 in any of 16TCR2 to 16TCR0, or bits CKS2 to CKS0 in
8TCR3 are as shown in (1) in the table below.
2. When an external request is specified as a DMAC activation source,
TEND
1 output regardless of bits PA1DDR and NDER1.
8-bit timer
channel 3
settings
(2)
(1)
CKS2
0
1
CKS1
0
1
CKS0
0
1
⎯
⎯
⎯
⎯
PA
0/TP0/TCLKA/TEND0
277
Table amended
Pin
Pin Functions and Selection Method
PA
0/TP0/
TCLKA/
TEND
0
Bit MDF in TMDR, bits TPSC2 to TPSC0 in 16TCR2 to 16TCR0 of the 16-bit timer,
bits CKS2 to CKS0 in 8TCR1 of the 8-bit timer, bit NDER0 in NDERA, and bit
PA
0DDR select the pin function as follows.
PA
0DDR
1
0
NDER0
0
1
Pin function
PA
0 input
PA
0 output
TP
0 output
TCLKA input*
1
TEND
0 output*
2
Notes: 1. TCLKA input when MDF = 1 in TMDR, or TPSC2 = 1, TPSC1 = 0 and
TPSC0 = 0 in any of 16TCR2 to 16TCR0, or bits CKS2 to CKS0 in
8TCR0 are as shown in (1) in the table below.
2. When an external request is specified as a DMAC activation source,
TEND
0 output regardless of bits PA0DDR and NDER0.
8-bit timer
channel 1
settings
(2)
(1)
CKS2
0
1
CKS1
0
1
CKS0
0
1
⎯
⎯
⎯⎯



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com