Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3006 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # H8/3006
Description  16-Bit Single-Chip Microcomputer
PDF  796 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3006 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button H8/3006 Datasheet HTML 7Page - Renesas Technology Corp H8/3006 Datasheet HTML 8Page - Renesas Technology Corp H8/3006 Datasheet HTML 9Page - Renesas Technology Corp H8/3006 Datasheet HTML 10Page - Renesas Technology Corp H8/3006 Datasheet HTML 11Page - Renesas Technology Corp H8/3006 Datasheet HTML 12Page - Renesas Technology Corp H8/3006 Datasheet HTML 13Page - Renesas Technology Corp H8/3006 Datasheet HTML 14Page - Renesas Technology Corp H8/3006 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 796 page
background image
Rev.5.00 Sep. 12, 2007 Page xi of xxviii
REJ09B0396-0500
Item
Page
Revision (See Manual for Details)
10.4.5 Operation with
Cascaded Connection
373
Description amended
…In this case, the timer operates as below. Similarly, if bits
CKS2 to CKS0 are set to (100) in either 8TCR2 or 8TCR3, the
8-bit timers of channels 2 and 3 are cascaded.
…
375
Description amended
• The OVF flag is set to 1 in 8TCSR3 when the 8-bit counter
(8TCNT3) overflows (from H'FF to H'00).
10.4.6 Input Capture
Setting
376
Note added
Note: When TCORB1 in channel 1 is used for input capture,
TCORB0 in channel 0 cannot be used as a compare
match register.
Similarly, when TCORB3 in channel 3 is used for input
capture, TCORB2 in channel 2 cannot be used as a
compare match register.
11.3.3 Normal TPC
Output
Figure 11.4 Setup
Procedure for Normal
TPC Output (Example)
406
Description amended
4. Enable the IMFA interrupt in TISRA.
The DMAC can also be set up to transfer data to the next
data register.
Figure 11.5 Normal
TPC Output Example
(Five-Phase Pulse
Output)
407
Description amended
• The 16-bit timer channel to be used as the output trigger
channel is set up so that GRA is an output compare register
and the counter will be cleared by compare match A. The
trigger period is set in GRA.
The IMIEA bit is set to 1 in TISRA to enable the compare
match A interrupt.
13.1 Overview
425
Description amended
The H8/3006 and H8/3007 have a serial communication
interface (SCI) with three independent channels. All three
channels have identical functions. The SCI can communicate in
both asynchronous and synchronous mode. It also has a
multiprocessor communication function for serial
communication among two or more processors.
13.2.3 Transmit Shift
Register (TSR)
431
Description amended
… If the TDRE flag is set to 1 in SSR, however, the SCI does
not load the TDR contents into TSR. The CPU cannot read or
write TSR directly.
13.3.4 Synchronous
Operation
478
Description amended
• The SCI synchronizes with the serial clock input or output and
performs receive operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com