Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3006 Datasheet(PDF) 92 Page - Renesas Technology Corp

Part # H8/3006
Description  16-Bit Single-Chip Microcomputer
PDF  796 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3006 Datasheet(HTML) 92 Page - Renesas Technology Corp

Back Button H8/3006 Datasheet HTML 88Page - Renesas Technology Corp H8/3006 Datasheet HTML 89Page - Renesas Technology Corp H8/3006 Datasheet HTML 90Page - Renesas Technology Corp H8/3006 Datasheet HTML 91Page - Renesas Technology Corp H8/3006 Datasheet HTML 92Page - Renesas Technology Corp H8/3006 Datasheet HTML 93Page - Renesas Technology Corp H8/3006 Datasheet HTML 94Page - Renesas Technology Corp H8/3006 Datasheet HTML 95Page - Renesas Technology Corp H8/3006 Datasheet HTML 96Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 796 page
background image
3. MCU Operating Modes
Rev.5.00 Sep. 12, 2007 Page 64 of 764
REJ09B0396-0500
3.4.3
Mode 3
Part of port A function as address pins A
23 to A20, permitting access to a maximum 16-Mbyte
address space. The initial bus mode after a reset is 8 bits, with 8-bit access to all areas. If at least
one area is designated for 16-bit access in ABWCR, the bus mode switches to 16 bits. A
23 to A21
are valid when 0 is written in bits 7 to 5 of the bus release control register (BRCR). (In this mode
A
20 is always used for address output.)
3.4.4
Mode 4
Part of port A function as address pins A
23 to A20, permitting access to a maximum 16-Mbyte
address space. The initial bus mode after a reset is 16 bits, with 16-bit access to all areas. If all
areas are designated for 8-bit access in ABWCR, the bus mode switches to 8 bits. A
23 to A21 are
valid when 0 is written in bits 7 to 5 of BRCR. (In this mode A
20 is always used for address
output.)
3.5
Pin Functions in Each Operating Mode
The pin functions of port 4 and port A vary depending on the operating mode. Table 3.3 indicates
their functions in each operating mode.
Table 3.3
Pin Functions in Each Mode
Port
Mode 1
Mode 2
Mode 3
Mode 4
Port 4
P4
7 to P40*
1
D
7 to D0*
1
P4
7 to P40*
1
D
7 to D0*
1
Port A
PA
7 to PA4
PA
7 to PA4
PA
6 to PA4, A20*
2
PA
6 to PA4, A20*
2
Notes: 1. Initial state. The bus mode can be switched by settings in ABWCR. These pins function
as P4
7 to P40 in 8-bit bus mode, and as D7 to D0 in 16-bit bus mode.
2. Initial state. A
20 is always an address output pin. PA6 to PA4 are switched over to A23 to
A
21 output by writing 0 in bits 7 to 5 of BRCR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com