Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3006 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # H8/3006
Description  16-Bit Single-Chip Microcomputer
PDF  796 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3006 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button H8/3006 Datasheet HTML 8Page - Renesas Technology Corp H8/3006 Datasheet HTML 9Page - Renesas Technology Corp H8/3006 Datasheet HTML 10Page - Renesas Technology Corp H8/3006 Datasheet HTML 11Page - Renesas Technology Corp H8/3006 Datasheet HTML 12Page - Renesas Technology Corp H8/3006 Datasheet HTML 13Page - Renesas Technology Corp H8/3006 Datasheet HTML 14Page - Renesas Technology Corp H8/3006 Datasheet HTML 15Page - Renesas Technology Corp H8/3006 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 796 page
background image
Rev.5.00 Sep. 12, 2007 Page xii of xxviii
REJ09B0396-0500
Item
Page
Revision (See Manual for Details)
14.3.4 Register
Settings
Smart Card Mode
Register (SCMR)
Settings:
499
Description amended
With the direct convention type, the logic 1 level corresponds to
state Z and the logic 0 level to state A, and transfer is
performed in LSB-first order. In the example above, the first
character data is H'3B. The parity bit is 1, following the even
parity rule designated for smart cards.
14.4 Usage Notes
Note on Block Transfer
Mode Support:
511
Description added
The smart card interface installed in the H8/3006 and H8/3007
support an IC card (smart card) interface with provision for
ISO/IEC7816-3 T=0 (character transmission). Therefore, block
transfer operations are not supported (error signal transmission,
detection, and automatic data retransmission are not
performed).
15.1 Overview
513
Description amended
When the A/D converter is not used, it can be halted
independently to conserve power. For details see section 19.6,
Module Standby Function.
The H8/3006 and H8/3007 support 70/134-state conversion as
a high-speed conversion mode. Note that it differs in this
respect from the H8/3048 Group, which supports 134/266-state
conversion.
15.2.1 A/D Data
Registers A to D
(ADDRA to ADDRD)
517
Description amended
The CPU can always read
the A/D data registers.
536
Table amended
Pin Name
Abbreviation
I/O
Function
16.1.3 Pin
Configuration
Table 16.1 D/A
Converter Pins
Analog power
supply pin
AV
CC
Input
Analog power supply and
reference voltage
Table amended
Item
Symbol
20.2.2 AC
Characteristics
Table 20.7 Control
Signal Timing
581
NMI,
IRQ pulse width
(in recovery from software standby mode)
t
NMIW
20.3.6 Timer
Input/Output Timing
603
Description amended
The timings of 16-bit and 8-bit timer are shown as follows:
A.3 Number of States
Required for Execution
Table A.4 Number of
Cycles per Instruction
633
Notes amended
Notes: 1. Not available in the H8/3006 and H8/3007.
2. n is the value set in register R4L or R4. The source
and destination are accessed n + 1 times each.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com