Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3006 Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # H8/3006
Description  16-Bit Single-Chip Microcomputer
PDF  796 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3006 Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button H8/3006 Datasheet HTML 87Page - Renesas Technology Corp H8/3006 Datasheet HTML 88Page - Renesas Technology Corp H8/3006 Datasheet HTML 89Page - Renesas Technology Corp H8/3006 Datasheet HTML 90Page - Renesas Technology Corp H8/3006 Datasheet HTML 91Page - Renesas Technology Corp H8/3006 Datasheet HTML 92Page - Renesas Technology Corp H8/3006 Datasheet HTML 93Page - Renesas Technology Corp H8/3006 Datasheet HTML 94Page - Renesas Technology Corp H8/3006 Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 796 page
background image
3. MCU Operating Modes
Rev.5.00 Sep. 12, 2007 Page 63 of 764
REJ09B0396-0500
Bit 1
⎯Software Standby Output Port Enable (SSOE): Specifies whether the address bus and
bus control signals (
CS
0 to CS7, AS, RD, HWR, LWR, UCAS, LCAS, and RFSH) are kept as
outputs or fixed high, or placed in the high-impedance state in software standby mode.
Bit 1
SSOE
Description
0
In software standby mode, the address bus and bus control signals are all high-
impedance
(Initial value)
1
In software standby mode, the address bus retains its output state and bus control
signals are fixed high
Bit 0
⎯RAM Enable (RAME): Enables or disables the on-chip RAM. The RAME bit is
initialized by the rising edge of the
RES signal. It is not initialized in software standby mode.
Bit 0
RAME
Description
0
On-chip RAM is disabled
1
On-chip RAM is enabled
(Initial value)
3.4
Operating Mode Descriptions
3.4.1
Mode 1
A maximum 1-Mbyte address space can be accessed. The initial bus mode after a reset is 8 bits,
with 8-bit access to all areas. If at least one area is designated for 16-bit access in ABWCR, the
bus mode switches to 16 bits.
3.4.2
Mode 2
A maximum 1-Mbyte address space can be accessed. The initial bus mode after a reset is 16 bits,
with 16-bit access to all areas. If all areas are designated for 8-bit access in ABWCR, the bus
mode switches to 8 bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com