Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC33596FCE/R2 Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # MC33596FCE/R2
Description  PLL Tuned UHF Receiver for Data Transfer Applications
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33596FCE/R2 Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button MC33596FCE/R2 Datasheet HTML 23Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 24Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 25Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 26Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 27Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 28Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 29Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 30Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 70 page
background image
Configuration Mode
MC33596 Data Sheet, Rev. 4
Freescale Semiconductor
27
NOTE
A low level applied to CONFB and a high level to STROBE do not affect
the configuration register contents.
Figure 19. Write Operation in Configuration Mode (N[1:0] = 01)
Figure 20. Read Operation in Configuration Mode (N[1:0] = 01)
13.2 State Machine
The configuration mode is selected by the microcontroller unit (MCU) to write to the internal registers (to
configure the system) or to read them. In this mode, the SPI is a slave. The analog parts (receiver) remain
in the state (on, off) they were in prior to entering configuration mode, until a new configuration changes
them. In configuration mode, data can not be received. As long as a low level is applied to CONFB, the
circuit stays in State 1, the only state in this mode.
Figure 21 describe the valid sequence for enabling a correct transition from Standby/LVD mode to
configuration mode. SPI startup time corresponds to the addition of the crystal oscillator lock time
(parameter 5.10) and the PLL lock time (parameter 5.9).
SEB
CONFB
SCLK
(Input)
MOSI
(Input)
MISO
(Output)
D7 D6 D5 D4 D3 D2 D1 D0
D7 D6 D5 D4 D3 D2 D1 D0
N1 N0 A4 A3 A2 A1 A0 R/W
STROBE
1
0
1
0
1
0
1
0
1
0
1
0
SEB
CONFB
SCLK
(Input)
MOSI
(Input)
MISO
(Output)
D7 D6 D5 D4 D3 D2 D1 D0
D7 D6 D5 D4 D3 D2 D1 D0
N1 N0 A4 A3 A2 A1 A0 R/W
STROBE
1
0
1
0
1
0
1
0
1
0
1
0
STROBE
1
0
SEB
CONFB
SCLK
(Input)
MOSI
(Input)
MISO
(Output)
D7 D6 D5 D4 D3 D2 D1
D0
N1 N0 A4 A3 A2 A1 A0 R/W
D7 D6 D5 D4 D3 D2 D1 D0
1
0
1
0
1
0
1
0
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com