Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC33596FCE/R2 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # MC33596FCE/R2
Description  PLL Tuned UHF Receiver for Data Transfer Applications
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33596FCE/R2 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button MC33596FCE/R2 Datasheet HTML 28Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 29Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 30Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 31Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 32Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 33Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 34Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 35Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 70 page
background image
MC33596 Data Sheet, Rev. 4
Configuration Switching
Freescale Semiconductor
32
15.1.2.2 BANKA = 0, BANKB = 1
If strobe pin is 1, configuration is defined by Bank B, BANKS = 0.
If strobe pin is 0, MC33596 configuration is OFF.
If a message is received during State B, current state remains State B up to end of message.
15.1.2.3 BANKA = 1, BANK B = 1
If strobe pin is 1, configuration is defined by BANKS. BANKS is toggled at each falling edge of the strobe
pin.
If strobe pin is 0, MC33596 configuration is OFF.
If a message is received during state A or state B, current state remains the same up to end of message.
If a read or write access is done using SPI, the next sequence will begin with state A whatever was the
active state before SPI access by MCU.
15.1.3 Strobe Oscillator Switch Control
The conditions to enter strobe oscillator switch control are:
•
Strobe pin connected to an external capacitor to define timing (see Section 11.3, “Receiver
On/Off Control”)
•
Strobe pin can also be connected to the MCU I/O port
•
SOE bit = 1
By simply writing BANKA and BANKB, the active banks will be defined.
The MCU can override strobe oscillator control by controlling the strobe pin level. If MCU I/O port is in
high impedance, the strobe oscillator will control the OFF/ON state of the MC33596. The various
available sequences are described in the following subsections.
BANKA
BANKB
X
0
Bank A is active
0
1
Bank B is active
1
1
Bank A and Bank B are both active, configuration will toggle at each wakeup
OFF
Strobe Pin
State B
OFF
State B
Strobe Pin
Banks Bit
State A
OFF
State B
OFF
State A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com