Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC33596FCE/R2 Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # MC33596FCE/R2
Description  PLL Tuned UHF Receiver for Data Transfer Applications
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33596FCE/R2 Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button MC33596FCE/R2 Datasheet HTML 43Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 44Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 45Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 46Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 47Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 48Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 49Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 50Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 70 page
background image
Electrical Characteristics
MC33596 Data Sheet, Rev. 4
Freescale Semiconductor
47
2.42 OOK sensitivity at 916 MHz DME = 1, DSREF = 1,
DR = 4.8 kbps, PER = 0.1
—
–103
–98
–96
dBm
2.24 FSK sensitivity at 315 MHz
DME = 1, DSREF = 1,
DR = 4.8 kbps,
DFcarrier = ±64 kHz, PER = 0.1
—
–106.5
–102
–100
dBm
2.50 FSK sensitivity at 434 MHz
DME = 1, DSREF = 1,
DR = 4.8 kbps,
DFcarrier = ±64 kHz, PER = 0.1
—
–105.5
–101
–99
dBm
2.51 FSK sensitivity at 868 MHz
DME = 1, DSREF = 1,
DR = 4.8 kbps,
DFcarrier = ±64 kHz, PER = 0.1
—
–104.5
–100
–98
dBm
2.52 FSK sensitivity at 916 MHz
DME = 1, DSREF = 1,
DR = 4.8 kbps,
DFcarrier = ±64 kHz, PER = 0.1
—
–105.4
–102
–100
dBm
2.35 Sensitivity improvement in
RAW mode
DME = 0
—
0.6
—
—
dB
2.36 Duty Cycle for Manchester
coded data
47
—
53
53
%
2.37 Data Rate1
2
—
22.6
22.6
kbps
2.38 FSK deviation range
32
64
170
170
kHz
2.5
Sensitivity reduction
ILA[1:0] = 00
—
0
—
—
dB
2.6
ILA[1:0] = 01
—
8
—
—
dB
2.7
ILA[1:0] = 10
—
16
—
—
dB
2.8
ILA[1:0] = 11
—
30
—
—
dB
2.9
In-band jammer
desensitization
Sensitivity reduced by 3 dB CW
jammer at Fcarrier ± 50 kHz/OOK
—–4—
—
dBc
2.60
Sensitivity reduced by 3 dB CW
jammer at Fcarrier ± 50 kHz/FSK
—–6—
—
dBc
2.11 Out-of-band jammer
desensitization
Sensitivity reduced by 3dB
CW jammer at Fcarrier ±1MHz
—37—
—
dBc
2.12
Sensitivity reduced by 3dB
CW jammer at Fcarrier ± 2MHz
—40—
—
dBc
2.13 RFIN parallel resistance
Receive mode
—
300
—
—
Ω
2.14 RFIN parallel resistance
Standby mode
1300
—
—
—
Ω
2.15 RFIN parallel capacitance
Receive mode
—
1.2
—
—
pF
Operating supply voltage and temperature range see Table 3. Values refer to the circuit recommended in the application
schematic (see Figure 43 through Figure 46), unless otherwise specified. Typical values reflect average measurement at VCC =
3.0 V, TA =25°C.
Parameter
Test Conditions,
Comments
Limits
Unit
Min
Typ
Max
(FCE,
FJE)
Max
(FCAE,
FJAE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com