Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC33596FCE/R2 Datasheet(PDF) 56 Page - Freescale Semiconductor, Inc

Part # MC33596FCE/R2
Description  PLL Tuned UHF Receiver for Data Transfer Applications
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33596FCE/R2 Datasheet(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button MC33596FCE/R2 Datasheet HTML 52Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 53Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 54Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 55Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 56Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 57Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 58Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 59Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 70 page
background image
MC33596 Data Sheet, Rev. 4
Electrical Characteristics
Freescale Semiconductor
56
19.8 Digital Interface Timing
Operating supply voltage and temperature range see Table 3. Values refer to the circuit recommended in the application
schematic (see Figure 43 through Figure 46), unless otherwise specified. Typical values reflect average measurement at VCC =
3.0 V, TA =25°C.
Parameter
Test Conditions
Comments
Limits
Unit
Min
Typ
Max
9.2
SCLK period
1
—
—
μs
9.8
Configuration enable time
20
—
—
μs
9.3
Enable lead time
Crystal oscillator is running.
3 x Tdigclk
1
NOTES:
1
See Section 8.1, “Clock Generator” for Tdigclk values.
——
μs
9.4
Enable lag time
100
—
—
ns
9.5
Sequential transfer delay
100
—
—2
2
The digital interface can be used in SPI burst protocol, i.e., with a continuous clock on SCLK port. For example, one (or more)
read access followed by one (or more) write access and so on. In this case and for a practical use, the pulse required on
CONFB between accesses must be higher than 100 ns only if STROBE signal is always set to high level.
ns
9.6
Data hold time
Receive mode, DME = 1,
from SCLK to MOSI
3 x Tdigclk
1
——
μs
9.7
Data setup time
Configuration mode,
from SCLK to MISO
——
100
ns
9.9
Configuration mode, from
SCLK to MOSI
120
—
—
ns
9.10 Data setup time
Configuration mode, from
SCLK to MOSI
100
—
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com