Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC33596FCE/R2 Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # MC33596FCE/R2
Description  PLL Tuned UHF Receiver for Data Transfer Applications
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33596FCE/R2 Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button MC33596FCE/R2 Datasheet HTML 29Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 30Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 31Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 32Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 33Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 34Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 35Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 36Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 70 page
background image
Configuration Switching
MC33596 Data Sheet, Rev. 4
Freescale Semiconductor
33
15.1.3.1 BANKA = X, BANKB = 0
If strobe pin is 1, configuration is defined by Bank A, BANKS = 1.
If strobe pin is 0, MC33596 configuration is OFF.
If a message is received during State A, current state remains State A up to end of message.
15.1.3.2 BANKA = 0, BANKB = 1
If strobe pin is 1, configuration is defined by Bank B, BANKS = 0.
If strobe pin is 0, MC33596 configuration is OFF.
If a message is received during State B, current state remains State B up to end of message.
15.1.3.3 BANKA = 1, BANK B = 1
BANKS toggles at the end of each state A or state B.
If strobe is forced to 1, configuration is frozen according to BANKS value.
If a read or write access is done using SPI, the next sequence will begin with state A in whatever was the
active state before SPI access by MCU.
For all available sequences:
•
State A and State B are defined by Bank A and Bank B.
•
State A duration, TonA is defined by Bank A RON[3–0].
•
State B duration, TonB is defined by Bank B RON[3–0].
•
OFF duration, TonB is defined by Bank A ROFF[2–0].
•
If strobe pin is 1, the state is ON and defined by BANKS at that time. It remains this state up to
the release of strobe and end of message if a message is being received.
•
If a message is being received during State A or B, current state remains State A or B up to end of
message.
State A
OFF
State A
OFF
State A
OFF
State B
OFF
State B
State B
Banks Bit
State A
State B
OFF
StateA
StateB
OFF
AB
OFF
A
A
A
BB
B
OFF
OFF
Strobe
Banks
1
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com