Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC33596FCE/R2 Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # MC33596FCE/R2
Description  PLL Tuned UHF Receiver for Data Transfer Applications
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33596FCE/R2 Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button MC33596FCE/R2 Datasheet HTML 44Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 45Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 46Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 47Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 48Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 49Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 50Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 51Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 70 page
background image
MC33596 Data Sheet, Rev. 4
Electrical Characteristics
Freescale Semiconductor
48
Figure 34. OOK Sensitivity Variation Versus Temperature
2.17 Maximum detectable signal,
OOK
Modulation depth: 99%,
level measured on a NRZ ‘1’
–25
—
—
—
dBm
2.25 Maximum detectable signal,
FSK
ΔF
carrier = ±64kHz
-10
—
—
—
dBm
2.18 Image frequency rejection
304–434 MHz
20
36
—
—
dB
2.19
868–915 MHz
15
20
—
—
dB
NOTES:
1
See Table 10 for additional information.
Operating supply voltage and temperature range see Table 3. Values refer to the circuit recommended in the application
schematic (see Figure 43 through Figure 46), unless otherwise specified. Typical values reflect average measurement at VCC =
3.0 V, TA =25°C.
Parameter
Test Conditions,
Comments
Limits
Unit
Min
Typ
Max
(FCE,
FJE)
Max
(FCAE,
FJAE)
OOK Sensitivity Variation vs Temperature
(Ref : 3V, 25°C, 4800bps)
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-40°C
25°C
85°C
Temperature (°C)
315 MHz
434 MHz
868 MHz
916 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com