Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC33596FCE/R2 Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # MC33596FCE/R2
Description  PLL Tuned UHF Receiver for Data Transfer Applications
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33596FCE/R2 Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button MC33596FCE/R2 Datasheet HTML 32Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 33Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 34Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 35Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 36Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 37Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 38Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 39Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 70 page
background image
MC33596 Data Sheet, Rev. 4
Register Description
Freescale Semiconductor
36
•
Low-pass data filter
•
Low-pass average filter generating the data slicer reference, if DSREF is set
•
Data manager
If the data manager is disabled, the incoming signal data rate must be lower than or equal to the data
manager maximum data rate.
TRXE (Receiver Enable) enables the whole receiver. This bit must be set to high level if MCU wakes the
MC33956 to enter receive mode.
0 = standby mode
1 = other modes can be activated
DME (Data Manager Enable) enables the data manager.
0 = disabled
1 = enabled
SOE (Strobe Oscillator Enable) enables the strobe oscillator.
0 = disabled
1 = enabled
Figure 26 describes configuration register 3, CONFIG3.
OLS (Out of Lock Status) indicates the current status of the PLL.
0 = The PLL is in lock-in range
1 = The PLL is out of lock-in range
LVDS (Low Voltage Detection Status) indicates that a low voltage event has occurred when LVDE = 1.
This bit is read-only and is cleared after a read access.
0 = No low voltage detected
1 = Low voltage detected
ILA[1:0] (Input Level Attenuation) define the RF input level attenuation.
Table 10. Base Band Parameter Configuration
DR1
DR0
Data Filter
Cut-off Frequency
Average Filter
Cut-off Frequency
Data Manager
Data Rate Range
0
0
6 kHz
0.5 kHz
2–2.8 kBd
0
1
12 kHz
1 kHz
4–5.6 kBd
1
0
24 kHz
2 kHz
8–10.6 kBd
1
1
48 kHz
4 kHz
16–22.4 kBd
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Addr
Bit Name
AFF1
AFF0
OLS
LVDS
ILA1
ILA0
—
—
$02
Reset Value
0
0
1
1
0
0
0
0
Access
R/W
R/W
R
R
R/W
R/W
—
—
Figure 26. CONFIG3 Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com